Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM1404CSOCQ6F Arkusz danych(PDF) 30 Page - STMicroelectronics

Numer części STM1404CSOCQ6F
Szczegółowy opis  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSOCQ6F Arkusz danych(HTML) 30 Page - STMicroelectronics

Back Button STM1404CSOCQ6F Datasheet HTML 26Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 27Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 28Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 29Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 30Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 31Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 32Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 33Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Package mechanical data
STM1404
30/36
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 29.
QFN16 – 16-lead, quad, flat package, no lead, 3 x 3 mm body size, outline
Note:
Drawing is not to scale.
A3
A
A1
e
K
K
b
Ch
D2
E2
L
E
D
1
2
ddd
3
QFN16-A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com