Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37540RSS Arkusz danych(PDF) 74 Page - Renesas Technology Corp

Numer części M37540RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Arkusz danych(HTML) 74 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 70Page - Renesas Technology Corp M37540RSS Datasheet HTML 71Page - Renesas Technology Corp M37540RSS Datasheet HTML 72Page - Renesas Technology Corp M37540RSS Datasheet HTML 73Page - Renesas Technology Corp M37540RSS Datasheet HTML 74Page - Renesas Technology Corp M37540RSS Datasheet HTML 75Page - Renesas Technology Corp M37540RSS Datasheet HTML 76Page - Renesas Technology Corp M37540RSS Datasheet HTML 77Page - Renesas Technology Corp M37540RSS Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 74 of 82
REJ03B0011-0400Z
Recommended Operating Conditions (Extended operating temperature 125 °C version)
(continued)
Table 32 Recommended operating conditions (2) (VCC = 2.4 to 5.5 V, Ta = –40 to 125 °C, unless otherwise noted)
“H” peak output current (Note 1)
P00–P07, P10–P14, P20–P27, P30–P37
“L” peak output current (Note 1)
P00–P07, P10–P14, P20–P27, P37
“L” peak output current (Note 1)
P30–P36
“H” average output current (Note 2)
P00–P07, P10–P14, P20–P27, P30–P37
“L” average output current (Note 2)
P00–P07, P10–P14, P20–P27, P37
“L” average output current (Note 2)
P30–P36
Internal clock oscillation frequency (Note 3)
VCC = 4.0 to 5.5 V
at ceramic oscillation or external clock input
Double-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 2.4 to 5.5 V
at ceramic oscillation or external clock input
Double-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 4.0 to 5.5 V
at ceramic oscillation or external clock input
High-, Middle-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 2.4 to 5.5 V
at ceramic oscillation or external clock input
High-, Middle-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 4.0 to 5.5 V
at RC oscillation
High-, Middle-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 2.4 to 5.5 V
at RC oscillation
High-, Middle-speed mode
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
MHz
Symbol
Parameter
Limits
Unit
Max.
Typ.
Min.
–10
10
30
–5
5
15
4
2
8
4
4
2
Notes 1: The peak output current is the peak current flowing in each port.
2: The average output current IOL (avg), IOH (avg) in an average value measured over 100 ms.
3: When the oscillation frequency has a duty cycle of 50 %.
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOL(avg)
IOL(avg)
f(XIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com