Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37540RSS Arkusz danych(PDF) 23 Page - Renesas Technology Corp

Numer części M37540RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Arkusz danych(HTML) 23 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 19Page - Renesas Technology Corp M37540RSS Datasheet HTML 20Page - Renesas Technology Corp M37540RSS Datasheet HTML 21Page - Renesas Technology Corp M37540RSS Datasheet HTML 22Page - Renesas Technology Corp M37540RSS Datasheet HTML 23Page - Renesas Technology Corp M37540RSS Datasheet HTML 24Page - Renesas Technology Corp M37540RSS Datasheet HTML 25Page - Renesas Technology Corp M37540RSS Datasheet HTML 26Page - Renesas Technology Corp M37540RSS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 23 of 82
REJ03B0011-0400Z
Timers
The 7540 Group has 5 timers: timer 1, timer A, timer X, timer Y
and timer Z.
The division ratio of every timer and prescaler is 1/(n+1) provided
that the value of the timer latch or prescaler is n.
All the timers are down count timers. When a timer reaches “0”, an
underflow occurs at the next count pulse, and the corresponding
timer latch is reloaded into the timer. When a timer underflows, the
interrupt request bit corresponding to each timer is set to “1”.
qTimer 1
Timer 1 is an 8-bit timer and counts the prescaler output.
When Timer 1 underflows, the timer 1 interrupt request bit is set to
“1”.
Prescaler 1 is an 8-bit prescaler and counts the signal which is the
oscillation frequency divided by 16.
Prescaler 1 and Timer 1 have the prescaler 1 latch and the timer 1
latch to retain the reload value, respectively. The value of
prescaler 1 latch is set to Prescaler 1 when Prescaler 1
underflows.The value of timer 1 latch is set to Timer 1 when Timer
1 underflows.
When writing to Prescaler 1 (PRE1) is executed, the value is writ-
ten to both the prescaler 1 latch and Prescaler 1.
When writing to Timer 1 (T1) is executed, the value is written to
both the timer 1 latch and Timer 1.
When reading from Prescaler 1 (PRE1) and Timer 1 (T1) is ex-
ecuted, each count value is read out.
Timer 1 always operates in the timer mode.
Prescaler 1 counts the signal which is the oscillation frequency di-
vided by 16. Each time the count clock is input, the contents of
Prescaler 1 is decremented by 1. When the contents of Prescaler
1 reach “0016”, an underflow occurs at the next count clock, and
the prescaler 1 latch is reloaded into Prescaler 1 and count contin-
ues. The division ratio of Prescaler 1 is 1/(n+1) provided that the
value of Prescaler 1 is n.
The contents of Timer 1 is decremented by 1 each time the under-
flow signal of Prescaler 1 is input. When the contents of Timer 1
reach “0016”, an underflow occurs at the next count clock, and the
timer 1 latch is reloaded into Timer 1 and count continues. The di-
vision ratio of Timer 1 is 1/(m+1) provided that the value of Timer
1 is m. Accordingly, the division ratio of Prescaler 1 and Timer 1 is
1/((n+1)✕(m+1)) provided that the value of Prescaler 1 is n and
the value of Timer 1 is m.
Timer 1 cannot stop counting by software.
qTimer A
Timer A is a 16-bit timer and counts the signal which is the oscil-
lation frequency divided by 16. When Timer A underflows, the
timer A interrupt request bit is set to “1”.
Timer A consists of the low-order of Timer A (TAL) and the high-or-
der of Timer A (TAH).
Timer A has the timer A latch to retain the reload value. The value
of timer A latch is set to Timer A at the timing shown below.
• When Timer A undeflows.
• When an active edge is input from CNTR1 pin (valid only when
period measurement mode and pulse width HL continuously mea-
surement mode).
When writing to both the low-order of Timer A (TAL) and the high-
order of Timer A (TAH) is executed, the value is written to both the
timer A latch and Timer A.
When reading from the low-order of Timer A (TAL) and the high-or-
der of Timer A (TAH) is executed, the following values are read out
according to the operating mode.
• In timer mode, event counter mode:
The count value of Timer A is read out.
• In period measurement mode, pulse width HL continuously mea-
surement mode:
The measured value is read out.
Be sure to write to/read out the low-order of Timer A (TAL) and the
high-order of Timer A (TAH) in the following order;
Read
Read the high-order of Timer A (TAH) first, and the low-order of
Timer A (TAL) next and be sure to read out both TAH and TAL.
Write
Write to the low-order of Timer A (TAL) first, and the high-order of
Timer A (TAH) next and be sure to write to both TAL and TAH.
Timer A can be selected in one of 4 operating modes by setting
the timer A mode register.
(1) Timer mode
Timer A counts the oscillation frequency divided by 16. Each time
the count clock is input, the contents of Timer A is decremented by
1. When the contents of Timer A reach “000016”, an underflow oc-
curs at the next count clock, and the timer A latch is reloaded into
Timer A. The division ratio of Timer A is 1/(n+1) provided that the
value of Timer A is n.
(2) Period measurement mode
In the period measurement mode, the pulse period input from the
P00/CNTR1 pin is measured.
CNTR1 interrupt request is generated at rising/falling edge of
CNTR1 pin input singal. Simultaneousuly, the value in the timer A
latch is reloaded inTimer A and count continues. The active edge
of CNTR1 pin input signal can be selected from rising or falling by
the CNTR1 active edge switch bit .The count value when trigger
input from CNTR1 pin is accepted is retained until Timer A is read
once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com