Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37540RSS Arkusz danych(PDF) 85 Page - Renesas Technology Corp

Numer części M37540RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Arkusz danych(HTML) 85 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 80Page - Renesas Technology Corp M37540RSS Datasheet HTML 81Page - Renesas Technology Corp M37540RSS Datasheet HTML 82Page - Renesas Technology Corp M37540RSS Datasheet HTML 83Page - Renesas Technology Corp M37540RSS Datasheet HTML 84Page - Renesas Technology Corp M37540RSS Datasheet HTML 85Page - Renesas Technology Corp M37540RSS Datasheet HTML 86Page - Renesas Technology Corp M37540RSS Datasheet HTML 87Page - Renesas Technology Corp M37540RSS Datasheet HTML 88Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
Rev.
Rev.
No.
date
2.0
(continued)
010108
Pages 22 to 30: Description of timers revised all
Page 31: Fig. 25 to Fig. 27 Initial values added
Page 33: Fig. 29 Reference of Figure revised
→ Fig. 50, 51
Page 36: Description of SIO1STS revised; “All bits”
→ “Bits 0 to 6”
Description of UARTCON revised; “P12/SCLK1” pin eliminated
Page 37: Fig. 34 Initial value added
Page 38: Fig. 35 Initial value added
Page 39: Fig. 37 Note revised
Page 40: Fig. 38 Initial value added
Page 41: Fig. 42 Initial value added
Page 42: Description in the case of 6 MHz added
Page 43: Fig. 45 Contents of (7), (8) revised
Page 45: Fig. 49 Functions of b1 and b7 revised, Initial value added
Page 46: Fig. 50 A resistor of XOUT pin eliminated
Page 47: Description of oscillation stop detection circuit added, Fig. 52 revised
Page 48: Notes on Ports revised
Pages 50 to 68: Electrical characteristics revised all
Page 69: Package type revised; 32P6U-A
3.0
All pages: The following is eliminated;
020610
“PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change.”
Page 1: • Memory size ROM/RAM size revised,
• Operating temperature range 125 °C version added, and Note revised
Page 2: Fig. 1 and Fig. 2 Product name revised
Page 3: Fig. 3 Product name revised
Page 7: Table 1 XIN, XOUT Functional description added, Note 1 125 °C version added
Page 8: Memory size ROM/RAM size, Package description, and Fig. 8 revised
Page 9: Table 2 revised
Page 14: Fig. 13 ROM/RAM area added
REVISION DESCRIPTION LIST
7540 Group DATA SHEET
(2/5)
Revision Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com