| Zakładka z wyszukiwarką danych komponentów |
|
STV2116A Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2116A Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 24 page ![]() FUNCTIONAL DESCRIPTION 1 - DEFLECTION CIRCUIT Note : [X,Y] : line number referred to the internal line counter numbering - Fully integrated synch. separator, with a low pass filter, a black level alignment of the Y/CVBS input, a slicing level at 2/3,1/3of the sync. pulse amplitude. - Frame sync. pulse locked on 2 fH frequency to perfect interlace. - 500kHz VCO with an external ceramic resonator. - Two phase locked loops • the first PLL locks the VCO on the video signal frequency, • the secondPLLcompensatesthe line transistor storage time. - Three time constants for the first PLL. • thelong timeconstantis usedfornormaloperation • the short time constant is automatically used during the frame retrace and in search mode of VCR when the frame pulse is outside [258,264] and [309,314]. • verylong time constantwhenno video recognition Time constants in normal operation (automatic selection of time constants) : 50Hz input signal : - short time constant : [306, 21] - long time constant : the rest of the field 60Hz input signal : - short time constant : [0, 16] - long time constant : the rest of the field • inhibition of the first PLL : the first locked loop is opened from line 309 to line 4.5 (or 314) in 50Hz mode. It is opened from line 258 to line 5.5 (or 264) in 60Hz mode. • the time constantsvalues are chosenby means of external components. • possibility to force the short time constant through the bus. • possibility to force the very long time constant through the bus. - Video identification : coincidence detector be- tween the line synchro top and a line frequency window from the first PLL. The video identification status is available in the output register of the I 2C bus decoder. - Generation of burst gate pulses and line fre- quency signals from the first PLL to drive the chroma and video circuits. The burst gate pulse is also sent to the sandcastle generator. - Frame synchro window : [248, 352] catching - Field frequency selection windows : [248, 288] 6 0 Hz m o de s e le c t io n i f tw o consecutive frame pulses occur inside this window,otherwise 50Hz mode selection. [288, 352] 50Hz mode selection window - frame blanking pulse : from line 0 to 21 in 50Hz mode from line 0 to 16 in 60Hz mode - Vertical output pulse is 10.5 lines long. - Horizontal output pulse : 28 µs line pulse on an open collector output; - Start up circuit : the horizontal output is at a high level when VCC increases from 0 to 6.8V. On shutting down, horizontal pulses are disabled when VCC is below 6.2V. - Soft-start circuit : the duty cycle of the horizontal output is 78 % (Thigh/(Thigh + TLow)) when VCC1 is lower than (0.75 x VCC2), during the rising time. During the falling time, a 78% duty cycle HOUT pulse is provided when VCC1 is lower than (0.60 x VCC2). - Possibility to disable the horizontal output pulse through the bus (force a high level on HOUT). - Horizontal position adjustment controlled by bus. - Bus controlledoutput voltage to adjustthe vertical amplitude; this voltage permits to adjust the slope of the vertical sawtooth generated by the external frame booster. - Bus controlled vertical position ; the high level of the vertical pulse permits to adjust the vertical position. - Bus controlled 4/3-16/9 selection : the low level of the vertical pulse is 0.1V when 16/9 is selected, 2V when 4/3 is selected. - Combined flyback input and sandcastle output (Pin 37). Two thresholds on LFB/SCO Pin : The lowest threshold (0.7V) permits to extract the line blankingpulse; the highestthreshold (2V) permits to extract the line pulse for PLL2. The sandcastle signal at Pin 37 is used to control the external baseband chroma delay line. 2 - FILTERS - Integrated trap filter : Q = 1 fo f−3dB − f−3dB fo Q = 1.7 at sharp. min Q = 3.0 at sharp. max Center frequency : - 4.43MHz, 3.58MHz for PAL, NTSC - Integrated chroma bandpass : Q = 3.5 Center frequency : 4.43MHz, 3.58MHz - Integrated delay line : Bandwidth = 8MHz - Integrated low pass filter for deflection part. - All filters are tuned with a reference phase locked loop. The PLL consists of a lowpass filter, a phase comparator,aloop filter (anexternalcapacitor).The referencesignalis the continuouscarrierwavefrom the VCO (4.43MHz or 3.58MHz). The PLL adjusts the center frequency of the lowpass so that it is equal to the referencesignal.The tuning voltage of the PLL is used to adjust all other filters. STV2116A 3/24 |