Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV2116A Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STV2116A
Szczegółowy opis  BUS CONTROLLED PAL/NTSC TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2116A Arkusz danych(HTML) 5 Page - STMicroelectronics

  STV2116A Datasheet HTML 1Page - STMicroelectronics STV2116A Datasheet HTML 2Page - STMicroelectronics STV2116A Datasheet HTML 3Page - STMicroelectronics STV2116A Datasheet HTML 4Page - STMicroelectronics STV2116A Datasheet HTML 5Page - STMicroelectronics STV2116A Datasheet HTML 6Page - STMicroelectronics STV2116A Datasheet HTML 7Page - STMicroelectronics STV2116A Datasheet HTML 8Page - STMicroelectronics STV2116A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
I
2C BUS SPECIFICATION
General Comments
Slave Address : 8A (HEX) (1000101X)
WRITE MODE DATA FORMAT
Slave Address
Register Address
Data
1000 1010
(8A)
XXXS SSSS
(from 00 to 11HEX)
XXSS SSSS
(6 significant bits Max.)
The not used bits in data byte must be put to “0”.
READ MODE DATA FORMAT
Slave Address
Data
1000 1011
(8B)
SSSS SSSS
(8 significant bits)
MSB on the left, LSB on the Right.
MSB
LSB
XX
X
X
XXX
X
X : not significant bit - S : significant bit
Input Signals (Write Mode)
VIDEO
Address
Dec (HEX)
Description
Data
(Bits)
Comments
0 (00)
Contrast
5
XXX0 0000 = -20dB
XXX1 1111 = 0dB
0 (00)
External Fast Blanking Enable
1
XXSX XXXX
0 = RGBext insertion enable
1 = RGBext insertion disable
1 (01)
Saturation
6
XX00 0000 = -44dB
XX11 1111 = +6dB
2 (02)
Brightness
5
XXX0 0000 = -20%
XXX1 1111 = +20%
2 (02)
RGB Outputs Blanking
1
XXSX XXXX
0 = Normal mode
1 = Blanking active
3 (03)
Red Drive Adjust (white point red adjust)
6
XX00 0000 = -6dB
XX11 1111 = 0dB
4 (04)
Red Cut-off Adjust
6
XX00 0000 = +150mV
XX11 1111 = -150mV
5 (05)
Green Drive Adjust (white point green adjust)
6
XX00 0000 = -6dB
XX11 1111 = 0dB
6 (06)
Green Cut-off Adjust
6
XX00 0000 = +150mV
XX11 1111 = -150mV
7 (07)
Blue Drive Adjust (white point blue adjust)
6
XX00 0000 = -6dB
XX11 1111 = 0dB
8 (08)
Sharpness
3
XXXX X000 = Peaking Min.
XXXX X111 = Peaking Max.
8 (08)
Blue Screen
1
XXXX SXXX
0 = blue screen disable
1 = blue screen enable
8 (08)
Third Crystal Selection
(This bit is not significant in automatic color standard
mode - data = 06Hex in register 0AHex)
1
XXXS XXXX
0 = low level on Pin 9
1 = high level on Pin 9
STV2116A
5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24