Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV2116A Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STV2116A
Szczegółowy opis  BUS CONTROLLED PAL/NTSC TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2116A Arkusz danych(HTML) 4 Page - STMicroelectronics

  STV2116A Datasheet HTML 1Page - STMicroelectronics STV2116A Datasheet HTML 2Page - STMicroelectronics STV2116A Datasheet HTML 3Page - STMicroelectronics STV2116A Datasheet HTML 4Page - STMicroelectronics STV2116A Datasheet HTML 5Page - STMicroelectronics STV2116A Datasheet HTML 6Page - STMicroelectronics STV2116A Datasheet HTML 7Page - STMicroelectronics STV2116A Datasheet HTML 8Page - STMicroelectronics STV2116A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
FUNCTIONAL DESCRIPTION (continued)
3 - VIDEO CIRCUIT
- 2 RGB inputs : RGB (OSD) input has priority
against the RGBext. Maximum contrast on RGB
(OSD). -10dB range contrast control on RGBext.
Possibility to disable the RGBext insertion
through the bus.
- Oversize blanking capability on FB(OSD)(Pin15)
input. The RGB ouputs will be blanked when the
voltage on Pin 15 will exceed the second thresh-
old at 1.9V (blanking threshold) : the whole field
is blanked but not the inserted cut-off pulses. The
OSD insertion threshold is 0.7V.
- Automatic cut-off current loop : 2V cut-off range.
Sequential cut-off current measurement during
the three lines after the frame blanking signal.
Leakage current measurement during the frame
blanking, memorization on an internal capacitor.
- Possibility to force through the bus the inserted
cut-off pulses on lines 23/24/25(CCIR) in 50Hz
and 60Hz mode.
- Warm up detector.
- Beam current limiter DC voltage input.
The beam current limiter control voltage will act
on contrast first, then the brightness will be de-
creased when contrast attenuationreaches -5dB.
- Bus control of the red, green and blue channel
gain (White point adjustment)
- Bus control of the red and green DC levels (black
point adjustment)
- PAL matrix, specific NTSC matrix when demodu-
lation angles are (0
o, 104o).
- Switch-off of the trap filter in SVHS mode.
- Bus controlled contrast on luminance
(20dB range)
- Bus controlled saturation (50dB range)
- Bus controlled brightness : 40% range at maxi-
mum contrast.
- Bus controlled sharpness (peaking).
- Noise coring function on sharpness.
- Bus controlled blue screen feature
4 - CHROMA CIRCUIT
4.1 - PAL/NTSC Decoders
- SVHS inputs ; bus controlled SVHS mode.
- 30dB range ACC.
- Use of an external base band delay line
(STV2180 recommended).
- Automatic standard identification, with possibility
to force the standard through the bus.
- ACC done by peak detector on synchronous de-
modulation of the burst.
- Fully integrated killer functions.
- VCO using two standard crystals : 4.43MHz and
3.58MHz. One crystal is internally selected de-
pending on the standard selection.
- 3 crystals application capability : one crystal on
Pin XTAL1 (4.43MHz or 3.58MHz), two crystals
on Pin XTAL 2 (3.58MHz only) which can be
selected by Pin 9 out signal.
XTAL SPECIFICATION :
Frequency :
4.433619MHz (PAL)
3.579545MHz (NTSC M)
3.575611MHz (PAL M)
3.582056MHz (PAL N)
Vibration mode : Fondamental,series resonance
(no serial capacitor)
Motional capacity : 13fF
±3fF
Resonance resistance : < 70
Ω
Shunt capacitance : < 7pF
Spurious response : No resonance at 3*fo
±3kHz
-0
o and
±90o demodulation angles for PAL
-(0
o,90o)or (0o,104o) = demodulation angles for
NTSC. The selection of 90
o or 104o is made
through the bus.
- Bus control Hue adjustment in NTSC mode.
- NTSC automaticfleshcontrol.Buscontrolleddisable.
- Switchable chroma demodulator gain (+6dB) for
NTSC only application, when no external chroma
delay line is used.
4.2 - Standard Identification
- Sequential identification.
- 3 identification sequences : XTAL1 (4.43MHz)
mode to identify either PAL or NTSC, XTAL2
(3.58MHz) modeto identifyeither PALor NTSC, no
SECAMsignalchecking. In case of singlestandard
operation,we recommend to force this standardby
the bus which permits the use of only one crystal.
- Blanking of the (R-Y) and B-Y) outputs during
color search mode.
5 - OTHER FUNCTIONS : IF CONTROLS
5.1 - Volume Control and Mute
The volume control voltage range on Pin 10 is from
0.5V to 5V. A low voltage on Pin 10 (below 0.1V)
will mute the FM demodulator of the IF circuit
(STV8223). Thus there will be no sound either on
the speaker or an audio output plug.
The volume control voltage and the mute level are
controlled by the bus.
5.2 - TV/SCART Mode Selection
The selection of the TV/External (AV) mode is
controlled by the bus. The selection is converted in
two voltages on Pin 11.
The lowest voltage selects the TV mode.
The highest voltage (open collector output with
internal pull-up resistor to VCC) selects the External
(AV) mode.
STV2116A
4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24