Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F72115D160FPV Arkusz danych(PDF) 45 Page - Renesas Technology Corp

Numer części R5F72115D160FPV
Szczegółowy opis  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Arkusz danych(HTML) 45 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 41Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 42Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 43Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 44Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 45Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 46Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 47Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 48Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1228 page
background image
Section 2 CPU
Rev. 2.00 May. 08, 2008 Page 21 of 1200
REJ09B0344-0200
2.2.3
Immediate Data Format
Byte (8-bit) immediate data is located in an instruction code. Immediate data accessed by the
MOV, ADD, and CMP/EQ instructions is sign-extended and handled in registers as longword
data. Immediate data accessed by the TST, AND, OR, and XOR instructions is zero-extended and
handled as longword data. Consequently, AND instructions with immediate data always clear the
upper 24 bits of the destination register.
20-bit immediate data is located in the code of a MOVI20 or MOVI20S 32-bit transfer instruction.
The MOVI20 instruction stores immediate data in the destination register in sign-extended form.
The MOVI20S instruction shifts immediate data by eight bits in the upper direction, and stores it
in the destination register in sign-extended form.
Word or longword immediate data is not located in the instruction code, but rather is stored in a
memory table. The memory table is accessed by an immediate data transfer instruction (MOV)
using the PC relative addressing mode with displacement.
See examples given in section 2.3.1 (10), Immediate Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More