| Zakładka z wyszukiwarką danych komponentów |
|
R5F72115D160FPV Arkusz danych(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Arkusz danych(HTML) 26 Page - Renesas Technology Corp |
|
26 / 1228 page ![]() Section 1 Overview Rev. 2.00 May. 08, 2008 Page 2 of 1200 REJ09B0344-0200 Table 1.1 SH7211 Features Items Specification CPU • Renesas Technology original SuperH architecture • Compatible with SH-1 and SH-2 at object code level • 32-bit internal data bus • Support of an abundant register-set ⎯ Sixteen 32-bit general registers ⎯ Four 32-bit control registers ⎯ Four 32-bit system registers ⎯ Register bank for high-speed response to interrupts • RISC-type instruction set (upward compatible with SH series) ⎯ Instruction length: 16-bit fixed-length basic instructions for improved code efficiency and 32-bit instructions for high performance and usability ⎯ Load/store architecture ⎯ Delayed branch instructions ⎯ Instruction set based on C language • Superscalar architecture to execute two instructions at one time • Instruction execution time: Up to two instructions/cycle • Address space: 4 Gbytes • Internal multiplier • Five-stage pipeline Operating modes • Operating modes Extended ROM enabled mode Single-chip mode • Processing states Program execution state Exception handling state Bus mastership release state • Power-down modes Sleep mode Software standby mode Module standby mode |