| Zakładka z wyszukiwarką danych komponentów |
|
R5F72115D160FPV Arkusz danych(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Arkusz danych(HTML) 71 Page - Renesas Technology Corp |
|
71 / 1228 page ![]() Section 2 CPU Rev. 2.00 May. 08, 2008 Page 47 of 1200 REJ09B0344-0200 2.4.4 Logic Operation Instructions Table 2.13 Logic Operation Instructions Compatibility Instruction Instruction Code Operation Execu- tion Cycles T Bit SH2, SH2E SH4 SH-2A AND Rm,Rn 0010nnnnmmmm1001 Rn & Rm → Rn 1 ⎯ Yes Yes Yes AND #imm,R0 11001001iiiiiiii R0 & imm → R0 1 ⎯ Yes Yes Yes AND.B #imm,@(R0,GBR) 11001101iiiiiiii (R0 + GBR) & imm → (R0 + GBR) 3 ⎯ Yes Yes Yes NOT Rm,Rn 0110nnnnmmmm0111 ~Rm → Rn 1 ⎯ Yes Yes Yes OR Rm,Rn 0010nnnnmmmm1011 Rn | Rm → Rn 1 ⎯ Yes Yes Yes OR #imm,R0 11001011iiiiiiii R0 | imm → R0 1 ⎯ Yes Yes Yes OR.B #imm,@(R0,GBR) 11001111iiiiiiii (R0 + GBR) | imm → (R0 + GBR) 3 ⎯ Yes Yes Yes TAS.B @Rn 0100nnnn00011011 When (Rn) is 0, 1 → T Otherwise, 0 → T, 1 → MSB of(Rn) 3 Test result Yes Yes Yes TST Rm,Rn 0010nnnnmmmm1000 Rn & Rm When the result is 0, 1 → T Otherwise, 0 → T 1 Test result Yes Yes Yes TST #imm,R0 11001000iiiiiiii R0 & imm When the result is 0, 1 → T Otherwise, 0 → T 1 Test result Yes Yes Yes TST.B #imm,@(R0,GBR) 11001100iiiiiiii (R0 + GBR) & imm When the result is 0, 1 → T Otherwise, 0 → T 3 Test result Yes Yes Yes XOR Rm,Rn 0010nnnnmmmm1010 Rn ^ Rm → Rn 1 ⎯ Yes Yes Yes XOR #imm,R0 11001010iiiiiiii R0 ^ imm → R0 1 ⎯ Yes Yes Yes XOR.B #imm,@(R0,GBR) 11001110iiiiiiii (R0 + GBR) ^ imm → (R0 + GBR) 3 ⎯ Yes Yes Yes |