| Zakładka z wyszukiwarką danych komponentów |
|
R5F72115D160FPV Arkusz danych(PDF) 182 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Arkusz danych(HTML) 182 Page - Renesas Technology Corp |
|
182 / 1228 page ![]() Section 7 User Break Controller (UBC) Rev. 2.00 May. 08, 2008 Page 158 of 1200 REJ09B0344-0200 7.3.10 Break Address Register_3 (BAR_3) BAR_3 is a 32-bit readable/writable register. BAR_3 specifies the address used as a break condition in channel 3. The control bits CD3_1 and CD3_0 in the break bus cycle register_3 (BBR_3) select one of the three address buses for a break condition of channel 3. BAR_3 is initialized to H'00000000 by a power-on reset, but retains its previous value by a manual reset or in software standby mode or sleep mode. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0000000000000000 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W 0000000000000000 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Bit: Initial value: R/W: Bit: Initial value: R/W: BA3_31 BA3_30 BA3_29 BA3_28 BA3_27 BA3_26 BA3_25 BA3_24 BA3_23 BA3_22 BA3_21 BA3_20 BA3_19 BA3_18 BA3_17 BA3_16 BA3_15 BA3_14 BA3_13 BA3_12 BA3_11 BA3_10 BA3_9 BA3_8 BA3_7 BA3_6 BA3_5 BA3_4 BA3_3 BA3_2 BA3_1 BA3_0 Bit Bit Name Initial Value R/W Description 31 to 0 BA3_31 to BA3_0 All 0 R/W Break Address 3 Store an address on the CPU address bus (FAB or MAB) or IAB specifying break conditions of channel 3. When the C bus and instruction fetch cycle are selected by BBR_3, specify an FAB address in bits BA3_31 to BA3_0. When the C bus and data access cycle are selected by BBR_3, specify an MAB address in bits BA3_31 to BA3_0. Note: When setting the instruction fetch cycle as a break condition, clear the LSB in BAR_3 to 0. |