| Zakładka z wyszukiwarką danych komponentów |
|
R5F72115D160FPV Arkusz danych(PDF) 234 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Arkusz danych(HTML) 234 Page - Renesas Technology Corp |
|
234 / 1228 page ![]() Section 8 Bus State Controller (BSC) Rev. 2.00 May. 08, 2008 Page 210 of 1200 REJ09B0344-0200 Bit Bit Name Initial Value R/W Description 6 WM 0 R/W External Wait Mask Specification Specifies whether or not the external wait input is valid. The specification by this bit is valid even when the number of access wait cycle is 0. 0: External wait input is valid 1: External wait input is ignored 5 to 0 ⎯ All 0 R Reserved These bits are always read as 0. The write value should always be 0. |