| Zakładka z wyszukiwarką danych komponentów |
|
M30620ECFS Arkusz danych(PDF) 446 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Arkusz danych(HTML) 446 Page - Renesas Technology Corp |
|
446 / 621 page ![]() Address Match Interrupt Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 431 Figure 2.12.2. Memory map of address match interrupt-related registers 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001116 001216 001316 001416 001516 001616 Address match interrupt register 0 (RMAD0) Address match interrupt register 1 (RMAD1) Address match interrupt enable register (AIER) (5) Registers related to the address match interrupt Figure 2.12.2 shows the memory map of address match interrupt-related registers, and Figure 2.12.3 shows address match interrupt-related registers. Figure 2.12.3. Address match interrupt-related registers Bit name Bit symbol Symbol Address When reset AIER 000916 XXXXXX002 Address match interrupt enable register Function W R Address match interrupt 0 enable bit 0 : Interrupt disabled 1 : Interrupt enabled AIER0 Address match interrupt 1 enable bit AIER1 Symbol Address When reset RMAD0 001216 to 001016 X0000016 RMAD1 001616 to 001416 X0000016 Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be indeterminated. b7 b6 b5 b4 b3 b2 b1 b0 W R Address setting register for address match interrupt Function Values that can be set Address match interrupt register i (i = 0, 1) 0000016 to FFFFF16 Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be indeterminated. 0 : Interrupt disabled 1 : Interrupt enabled b0 b7 b0 b3 (b19) (b16) b7 b0 (b15) (b8) b7 (b23) |