| Zakładka z wyszukiwarką danych komponentów |
|
M30620ECFS Arkusz danych(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Arkusz danych(HTML) 83 Page - Renesas Technology Corp |
|
83 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Address Match Interrupt 68 Address Match Interrupt An address match interrupt is generated when the address match interrupt address register contents match the program counter value. Two address match interrupts can be set, each of which can be enabled and disabled by an address match interrupt enable bit. Address match interrupts are not affected by the inter- rupt enable flag (I flag) and processor interrupt priority level (IPL). The value of the program counter (PC) for an address match interrupt varies depending on the instruction being executed. Note that when using the external data bus in width of 8 bits, the address match interrupt cannot be used for external area. Figure 1.14.12 shows the address match interrupt-related registers. Bit name Bit symbol Symbol Address When reset AIER 000916 XXXXXX002 Address match interrupt enable register Function W R Address match interrupt 0 enable bit 0 : Interrupt disabled 1 : Interrupt enabled AIER0 Address match interrupt 1 enable bit AIER1 Symbol Address When reset RMAD0 001216 to 001016 X0000016 RMAD1 001616 to 001416 X0000016 Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be indeterminated. b7 b6 b5 b4 b3 b2 b1 b0 W R Address setting register for address match interrupt Function Values that can be set Address match interrupt register i (i = 0, 1) 0000016 to FFFFF16 Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be indeterminated. 0 : Interrupt disabled 1 : Interrupt enabled b0 b7 b0 b3 (b19) (b16) b7 b0 (b15) (b8) b7 (b23) Figure 1.14.12. Address match interrupt-related registers |