| Zakładka z wyszukiwarką danych komponentów |
|
M30620ECFS Arkusz danych(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Arkusz danych(HTML) 23 Page - Renesas Technology Corp |
|
23 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description 8 Package type: FP : Package 100P6S-A GP : 100P6Q-A FS : 100D0 ROM No. Omitted for blank one-time PROM version,and EPROM version, and flash memory version ROM capacity: 4 : 32K bytes 8 : 64K bytes A : 96K bytes C : 128K bytes G: 256K bytes Memory type: M : Mask ROM version E : EPROM or one-time PROM version S : External ROM version F : Flash memory version Type No. M 3 0 6 2 2 M 8 – X X X F P M16C/62 Group M16C Family Shows RAM capacity, pin count, etc (The value itself has no specific meaning) Figure 1.1.5. Type No., memory size, and package |