| Zakładka z wyszukiwarką danych komponentów |
|
M30620ECFS Arkusz danych(PDF) 82 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Arkusz danych(HTML) 82 Page - Renesas Technology Corp |
|
82 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER ________ NMI Interrupt 67 Interrupt control circuit Key input interrupt control register (address 004D16) Key input interrupt request P107/KI3 P106/KI2 P105/KI1 P104/KI0 Port P104-P107 pull-up select bit Port P107 direction register Pull-up transistor Port P107 direction register Port P106 direction register Port P105 direction register Port P104 direction register Pull-up transistor Pull-up transistor Pull-up transistor Figure 1.14.11. Block diagram of key input interrupt ______ NMI Interrupt ______ ______ ______ An NMI interrupt is generated when the input to the P85/NMI pin changes from “H” to “L”. The NMI interrupt is a non-maskable external interrupt. The pin level can be checked in the port P85 register (bit 5 at address 03F016). This pin cannot be used as a normal port input. Key Input Interrupt If the direction register of any of P104 to P107 is set for input and a falling edge is input to that port, a key input interrupt is generated. A key input interrupt can also be used as a key-on wakeup function for cancel- ling the wait mode or stop mode. However, if you intend to use the key input interrupt, do not use P104 to P107 as A-D input ports. Figure 1.14.11 shows the block diagram of the key input interrupt. Note that if an “L” level is input to any pin that has not been disabled for input, inputs to the other pins are not detected as an interrupt. |