Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5070FNTR Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części TS5070FNTR
Szczegółowy opis  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5070FNTR Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button TS5070FNTR Datasheet HTML 4Page - STMicroelectronics TS5070FNTR Datasheet HTML 5Page - STMicroelectronics TS5070FNTR Datasheet HTML 6Page - STMicroelectronics TS5070FNTR Datasheet HTML 7Page - STMicroelectronics TS5070FNTR Datasheet HTML 8Page - STMicroelectronics TS5070FNTR Datasheet HTML 9Page - STMicroelectronics TS5070FNTR Datasheet HTML 10Page - STMicroelectronics TS5070FNTR Datasheet HTML 11Page - STMicroelectronics TS5070FNTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
struction; and bit 0 is not used. To shift control data
into COMBO IIG, CCLK must be pulsed high 8
times while CS is low. Data on the CI or CI/O input
is shifted into the serial input register on the falling
edge of each CCLK pulse. After all data is shifted
in, the content s of the input shift register are de-
coded, and may indicate that a 2nd byte of control
data will follow. This second byte may either be de-
fined by a secondbyte-wide CS pulse or may follow
the first continuously,i.e. it is not mandatory for CS
to return high in between the first and second con-
trol bytes. On the falling edge of the 8
th CCLK clock
pulse in the 2nd control byte the data is loaded into
the appropriateprogrammable register. CS may re-
main low continuously when programming succes-
sive registers, if desired.However CS shouldbe set
high when no data transfers are in progress.
To readbackinterface Latch data or status informa-
tion from COMBO IIG, the first byte of the appropri-
ate instruction is strobed in during the first CS pulse,
as defined in table 1. CS must then be taken low for
a further 8 CCLK cycles, during which the data is
shifted onto the CO or CI/O pin on the rising edges
of CCLK. When CS is high the CO or CI/O pin is in
the high-impedanceTRI-STATE, enabling the CI/O
pins of many devices to be multiplexed together.
Thus, to summarize, 2-byte READ and WRITE in-
structions may use either two 8-bit wide CS pulses
or a single 16-bit wide CS pulse.
Function
Byte 1
Byte 2
7
6
5
43
21
0
Single Byte Power–up/down
PXXXXX
0
X
None
Write Control Register
Read–back Control Register
P
P
0
0
0
0
0
0
0
0
0
1
1
1
X
X
See Table 2
See Table 2
Write Latch Direction Register (LDR)
Read Latch Direction Register
P
P
0
0
0
0
1
1
0
0
0
1
1
1
X
X
See Table 4
See Table 4
Write Latch Content Register (ILR)
Read Latch Content Register
P
P
0
0
0
0
0
0
1
1
0
1
1
1
X
X
See Table 5
See Table 5
Write Transmit Time–slot/port
Read–back Transmit Time–slot/port
P
P
1
1
0
0
1
1
0
0
0
1
1
1
X
X
See Table 6
See Table 6
Write Receive Time–slot/port
Read–back Receive Time–slot/port
P
P
1
1
0
0
0
0
1
1
0
1
1
1
X
X
See Table 6
See Table 6
Write Transmit Gain Register
Read Transmit Gain Register
P
P
0
0
1
1
0
0
1
1
0
1
1
1
X
X
See Table 7
See Table 7
Write Receive Gain Register
Read Receive Gain Register
P
P
0
0
1
1
0
0
0
0
0
1
1
1
X
X
See Table 8
See Table 8
Write Hybrid Balance Register
≠ 1
Read Hybrid Balance Register
≠ 1
P
P
0
0
1
1
1
1
0
0
0
1
1
1
X
X
See Table 9
See Table 9
Write Hybrid Balance Register
≠ 2
Read Hybrid Balance Register
≠ 2
P
P
0
0
1
1
1
1
1
1
0
1
1
1
X
X
See Table 10
See Table 10
Write Hybrid Balance Register
≠ 3
Read Hybrid Balance Register
≠ 3
P
P
1
1
0
0
0
0
0
0
0
1
1
1
X
X
Table 1: Programmable Register Instructions
PROGRAMMABLE FUNCTIONS
POWER-UP/DOWN CONTROL
Following power-on initialization, power-up and
power-down control may be accomplished by
writing any of the control instructions listed in ta-
ble 1 into COMBO IIG with the ”P” bit set to ”0”
for power-up or ”1” for power-down. Normally it is
recommended that all programmable functions be
initially programmed while the device is powered
down. Power state control can then be included
with the last programming instruction or the sepa-
rate single-byte instruction. Any of the program-
mable registers may also be modified while the
device is powered-up or down be setting the ”P”
bit as indicated. When the power up or down con-
trol is entered as a single byte instruction, bit one
(1) must be set to a 0.
When a power-up command is given, all de-acti-
vated circuits are activated, but the TRI-STATE
PCM output(s), DX0 (and DX1), will remain in the
high impedance state until the second FSX pulse
after power-up.
Notes: 1. Bit 7 of bytes 1 and 2 is always the first bit clocked into or out of the CI, CO or CI/CO pin.
2. ”P” is the power-up/down control bit, see ”Power-up” section (”0” = Power Up ”1” = Power Down).
TS5070 - TS5071
8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32