Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5070FNTR Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części TS5070FNTR
Szczegółowy opis  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5070FNTR Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button TS5070FNTR Datasheet HTML 5Page - STMicroelectronics TS5070FNTR Datasheet HTML 6Page - STMicroelectronics TS5070FNTR Datasheet HTML 7Page - STMicroelectronics TS5070FNTR Datasheet HTML 8Page - STMicroelectronics TS5070FNTR Datasheet HTML 9Page - STMicroelectronics TS5070FNTR Datasheet HTML 10Page - STMicroelectronics TS5070FNTR Datasheet HTML 11Page - STMicroelectronics TS5070FNTR Datasheet HTML 12Page - STMicroelectronics TS5070FNTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CONTROL REGISTER INSTRUCTION
The first byte of a READ or WRITE instruction to
the Control Register is as shown in table 1. The
second byte functions are detailed in table 2.
MASTER CLOCK FREQUENCY SELECTION
A Master clock must be provided to COMBO IIG
for operation of the filter and coding/decoding
functions. The MCLK frequency must be either
512 kHz, 1.536 MHz, 1.544 MHz, 2.048 MHz, or
4.096 MHz and must be synchronous with BCLK.
Bits F1 and F0 (see table 2) must be set during
initialization to select the correct internal divider.
CODING LAW SELECTION
Bits ”MA” and ”IA” in table 2 permit the selection
of
µ255 coding or A-law coding with or without
even-bit inversion.
ANALOG LOOPBACK
Analog Loopback mode is entered by setting the
”AL” and ”DL” bits in the Control Register as shown
in table 2. In the analog loopback mode, the Trans-
mit input VFXI is isolated from the input pin and in-
ternally connected to the VFRO output, forming a
loop from the Receive PCM Register back to the
Transmit PCM Register. The VFRO pin remains ac-
tive, and the programmed settings of the Transmit
and Receive gains remain unchanged, thus care
must be taken to ensure that overload levels are
not exceeded anywhere in the loop.
Hybrid balancing must be disabled for meaning
ful analog loopback Function.
DIGITAL LOOPBACK
Digital Loopback mode is entered by setting the
”DL” bit in the Control Register as shown in table 2.
Bit Number
Fun ction
7
6
543210
F1
F0
MA
IA
DN
DL
AL
PP
0
0
1
1
0
1
0
1
MCLK = 512 kHz
MCLK = 1. 536 or 1. 544 MHz
MCLK = 2. 048 MHz
*
MCLK = 4. 096 MHz
0
1
1
X
0
1
Select
µ. 255 Law *
A–law, Including Even Bit Inversion
A–Law, No Even Bit Inversion
0
1
Delayed Data Timing
Non–delayed Data Timing
*
0
1
0
0
X
1
Normal Operation
*
Digital Loopback
Analog Loopback
0
1
Power Amp Enabled in PDN
Power Amp Disabled in PDN
*
Table 2: Control Register Byte 2 Functions
Table 3: Coding Law Conventions.
m255 Law
MSB LSB
True A-law with
even bit inversion
MSB LSB
A-law without
even bit inversion
MSB LSB
VIN = +Full Scale
1000
00
0
010
101
01
01
111
11
11
VIN =0V
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VIN = -Full Scale
0000
00
0
000
101
01
00
111
11
11
Note: The MSB is always the first PCM bit shifted in or out of COMBO IIG.
(*) State at power-on initialization (bit 4 = 0)
TS5070 - TS5071
9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32