| Zakładka z wyszukiwarką danych komponentów |
|
TS5070FNTR Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS5070FNTR Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 32 page ![]() HYBRID BALANCE FILTER The Hybrid Balance Filter on COMBO IIG is a programmable filter consisting of a second-order Bi-Quad section, Hybal1, followed by a first-order section, Hybal2, and a programmable attenuator. Either of the filter sections can be bypassed if only one is required to achieve good cancellation. A selectable 180 degree inverting stage is in- cluded to compensate for interface circuits which also invert the transmit input relative to the re- ceive output signal. The Bi-Quad is intended mainly to balance low frequency signals across a transformer SLIC, and the first order section to balance midrange to higher audio frequency sig- nals. The attenuator can be programmed to com- pensate for VFROto VFXI echos in the range of -2.5 to – 8.5 dB. As a Bi-Quad, Hybal1 has a pair of low frequency zeroes and a pair of complex conjugate poles. When configuring the Bi-Quad, matching the phase of the hybrid at low to midband frequencies is most critical. Once the echo path is correctly balanced in phase, the magnitude of the cancella- tion signal can be corrected by the programmable attenuator. The Bi-Quad mode of Hybal1 is most suitable for balancing interfaces with transformers having high inductance of 1.5 Henries or more. An alternative configuration for smaller transformers is available by converting Hybal1 to a simple first-order section with a single real low frequency pole and 0 Hz zero. In this mode, the pole/zero frequency may be pro- grammed. Many line interfaces can be adequately balanced by use of the Hybal1 section only, in which case the Hybal2 filter should be de-selected to bypass it. Hybal2, the higher frequency first-order section, is provided for balancing an electronic SLIC, and is also helpful with a transformer SLIC in providing additional phase correction for mid and high-band frequencies, typically 1 kHz to 3.4 kHz. Such a correction is particularly useful if the test balance impedance includes a capacitor of 100 nF or less, such as the loaded and non-loaded loop test net- works in the United States. Independent place- ment of the pole and zero location is provided. Bit State Function 7 0 Disable Hybrid Balance Circuit Completely. No internal cancellation is provided. * 1 Enable Hybrid Balance Cancellation Path 6 0 Phase of the internal cancellation signal assumes inverted phase of the echo path from VFROto VFXI. 1 Phase of the internal cancellation signal assumes no phase inversion in the line interface. 5 0 Bypass Hybal 2 Filter Section 1 Enable Hybal 2 Filter Section G4–G0 Attenuation Adjustment for the Magnitude of the Cancellation Signal. Range is – 2.5 dB (00000) to – 8.5 dB (11000) Table 9: Hybrid Balance Register 1 Byte 2 Instruction. Notes: 1. Maximum level into 300 Ω ; 2. Maximum level into 600Ω;3. RL ≥15KΩ (*) State at power on initialization (*) State at power on initialization Setting = Please refer to software TS5077 2 Bit Number 0dBm0 Test Leve at VFR0 7 6 5 4 3 2 1 0 In dBm (Into 600 Ω) In Vrms (approx.) 0 0 0 0 0 0 0 0 No Output 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 – 17.3 – 17.2 0.106 0.107 1 0 1 0 1 1 1 0 0 0.775 1 1 1 1 0 0 1 1 + 6.9 (note 1) 1.71 1 1 1 1 1 0 1 0 + 7.6 (note 2) 1.86 1 1 1 1 1 1 1 1 + 8.1 (note 3) 1.07 Table 8: Byte 2 of Receive Gain Instructions. TS5070 - TS5071 12/32 |