Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U4082B Arkusz danych(PDF) 1 Page - ATMEL Corporation

Numer części U4082B
Szczegółowy opis  Low-voltage Voice-switched IC for Hands-free Operation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4082B Arkusz danych(HTML) 1 Page - ATMEL Corporation

  U4082B Datasheet HTML 1Page - ATMEL Corporation U4082B Datasheet HTML 2Page - ATMEL Corporation U4082B Datasheet HTML 3Page - ATMEL Corporation U4082B Datasheet HTML 4Page - ATMEL Corporation U4082B Datasheet HTML 5Page - ATMEL Corporation U4082B Datasheet HTML 6Page - ATMEL Corporation U4082B Datasheet HTML 7Page - ATMEL Corporation U4082B Datasheet HTML 8Page - ATMEL Corporation U4082B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Features
Low-voltage Operation 3V to 6.5V
Attenuator Gain Range Between Transmit and Receive: 52 dB
Four-point Signal Sensing for Improved Sensitivity
Monitoring System for Background Noise Level
Adjustable Microphone Amplifier Gain
Mute Function
Chip Disable for Active/Standby Operation
On-board Filter
Dial Tone Detector
Compatible with U4083B Speaker Amplifier
Benefits
Fast Channel Switching Allows Quasi-duplex Operation
Proper Operation in Noisy Surroundings
1.
Description
The low-voltage voice-switched speakerphone circuit, U4082B, incorporates a wide
range of functions. The versatility of the device is further enhanced by giving access to
internal circuit points. The block diagram (see Figure 1-1) shows amplifiers, level
detectors, transmit and receive attenuators operating in complementary functions,
background noise monitors, chip disable, dial tone detector and mute function. Due to
low-voltage operation, the device can be operated either by a low supply or via a tele-
phone line requiring 5.5 mA typically. Stand-alone operation is enabled by a coupling
transformer (Tip and Ring) or in conjunction with a handset speech network, as shown
in Figure 1-2 on page 2.
Figure 1-1.
Block Diagram
10
11
12
16
Level
Detectors
18
19
4
28
3
400
15
14
17
Attenuator
Control
AGC
T Attenuator
-
+
98
7
-
+
6
-
+
Dial Tone
Detector
20
22
21
5
27
23
25
24
+-
13
26
1
2
+1
Filter
R Attenuator
U4082B
Background
Noise Monitor
Background
Noise Monitor
Level
Detectors
PD
HTO+
HTO-
CD
HTI
FI
TLI2
CPT
RI
VCI
MIC
MUTE
MICO
TI
TO
CT
VB
TLI1
RLI2
RECO
RLO1
GND
RLO2
TLO1
RLI1
TLO2
CPR
V
S
V
B
V
B
V
B
V
S
V
B
Low-voltage
Voice-switched
IC for
Hands-free
Operation
U4082B
Rev. 4743D–CORD–03/06


Podobny numer części - U4082B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
U4082B UTC-U4082B Datasheet
352Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082BG-D28-T UTC-U4082BG-D28-T Datasheet
352Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082BG-D28-T UTC-U4082BG-D28-T Datasheet
352Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082BG-S28-R UTC-U4082BG-S28-R Datasheet
352Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082BG-S28-R UTC-U4082BG-S28-R Datasheet
352Kb / 13P
VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Podobny opis - U4082B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
Hands-free Speech Network IC
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
Hands-free Speech Network IC
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
Hands free IC
1996 Jul 15
TEA1095 PHILIPS-TEA1095 Datasheet
184Kb / 28P
Voice switched speakerphone IC
1997 Nov 25
logo
TEMIC Semiconductors
U4080B TEMIC-U4080B Datasheet
169Kb / 15P
Voice-Switched Circuit for Handsfree Operation
U4084B TEMIC-U4084B Datasheet
544Kb / 26P
Low-Voltage, Voice-Switched Circuit for Hands-Free Operation
U4087B TEMIC-U4087B Datasheet
113Kb / 8P
Low Voltage Voice Switch Interface Circuit for Hands-free Operation in Telephone
logo
Zarlink Semiconductor I...
ZL38001 ZARLINK-ZL38001_06 Datasheet
543Kb / 49P
AEC for Analog Hands-Free Communication
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_13 Datasheet
378Kb / 21P
Voice Switched Speakerphone Circuit Chip disable for active/standby operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com