Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U4082B Arkusz danych(PDF) 4 Page - ATMEL Corporation

Numer części U4082B
Szczegółowy opis  Low-voltage Voice-switched IC for Hands-free Operation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4082B Arkusz danych(HTML) 4 Page - ATMEL Corporation

  U4082B Datasheet HTML 1Page - ATMEL Corporation U4082B Datasheet HTML 2Page - ATMEL Corporation U4082B Datasheet HTML 3Page - ATMEL Corporation U4082B Datasheet HTML 4Page - ATMEL Corporation U4082B Datasheet HTML 5Page - ATMEL Corporation U4082B Datasheet HTML 6Page - ATMEL Corporation U4082B Datasheet HTML 7Page - ATMEL Corporation U4082B Datasheet HTML 8Page - ATMEL Corporation U4082B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
4743D–CORD–03/06
U4082B
3.
Introduction
3.1
General
The fundamental difference between the operation of a speakerphone and a handset is that of
half duplex versus full duplex. The handset is full duplex since conversation can occur in both
directions (transmit and receive) simultaneously. A speakerphone has higher gain levels in both
paths, and attempting to converse in full-duplex mode results in oscillatory problems due to the
loop that exists within the system. The loop is formed by the receive and transmit paths, the
hybrid and the acoustic coupling (speaker to microphone).
The only practical and economical solution used to date is to design the speakerphone to oper-
ate in half-duplex mode. That is, only one person speaks at a time, while the other listens. To
achieve this, a circuit is required which can detect who is talking, switch on the appropriate path
(transmit or receive), and switch off (attenuate) the other path. In this way, the loop gain is main-
tained less than unity. When the talkers exchange functions, the circuit must quickly detect this,
and switch the circuit appropriately. By providing speech-level detectors, the circuit operates in a
“hands-free” mode, eliminating the need for a “push-to-talk” switch.
The handset has the same loop as the speakerphone. Oscillations do not occur because the
gains are considerably lower and the coupling from the earpiece to the mouthpiece is almost
nonexistent (the receiver is normally held against a person's ear).
The U4082B provides the necessary level detectors, attenuators, and switching control for a
properly operating speakerphone. The detection sensitivity and timing are externally controlla-
ble. Additionally, the U4082B provides background noise monitors (which make the circuit
insensitive to room and line noise), hybrid amplifiers for interfacing to Tip and Ring, the micro-
phone amplifier, and other associated functions.
15
VB
Output voltage
≈ V
S/2. It is a system AC ground and biases the volume control. A filter cap is required
16
CPT
An RC at this pin sets the time constant for the transmit background monitor
17
TLI2
Transmit level detector input on the microphone/speaker side
18
TLO2
Transmit level detector output on the microphone/speaker side, and input to the transmit background
monitor
19
RLO2
Receive level detector output on the microphone/speaker side
20
RLI2
Receive level detector input on the microphone/speaker side
21
RI
Input receive attenuator and dial tone detector. Maximum input level is 350 mVrms. Input impedance is
approximately 10 k
22
RECO
Receive attenuator output. DC level is approximately VB
23
TLI1
Transmit level detector input on the line side
24
TLO1
Transmit level detector output on the line side
25
RLO1
Receive level detector output on the line side and input to the receive background monitor
26
RLI1
Receive level detector input on the line side
27
CPR
An RC at this pin sets the time constant for the receive background monitor
28
GND
Ground
Table 2-1.
Pin Description (Continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com