Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U4082B Arkusz danych(PDF) 3 Page - ATMEL Corporation

Numer części U4082B
Szczegółowy opis  Low-voltage Voice-switched IC for Hands-free Operation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4082B Arkusz danych(HTML) 3 Page - ATMEL Corporation

  U4082B Datasheet HTML 1Page - ATMEL Corporation U4082B Datasheet HTML 2Page - ATMEL Corporation U4082B Datasheet HTML 3Page - ATMEL Corporation U4082B Datasheet HTML 4Page - ATMEL Corporation U4082B Datasheet HTML 5Page - ATMEL Corporation U4082B Datasheet HTML 6Page - ATMEL Corporation U4082B Datasheet HTML 7Page - ATMEL Corporation U4082B Datasheet HTML 8Page - ATMEL Corporation U4082B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
4743D–CORD–03/06
U4082B
2.
Pin Configuration
Figure 2-1.
Pinning SO28
1
2
3
4
5
6
7
8
10
9
27
22
21
20
18
19
17
12
11
28
25
26
23
24
HTO-
HTI
TO
TI
MICO
MIC
VS
HTO+
MUTE
CD
FI
FO
TLI1
RECO
RI
RLI2
RLO2
TLO2
RLO1
TLO1
TLI2
RLI1
CPR
GND
16
15
14
13
VCI
CT
CPT
VB
Table 2-1.
Pin Description
Pin
Symbol
Function
1
FO
Filter output. Output impedance is less than 50
2
FI
Filter input. Input impedance is greater than 1 M
3CD
Chip disable. A logic low (< 0.8V) sets normal operation. A logic high (> 2V) disables the IC to conserve
power. Input impedance is nominally 90 k
4VS
Supply voltage 2.8V to 6.5V, approximately 5 mA. AGC circuit reduces the receive attenuator gain at
25 dB, receive mode at 2.8V
5HTO+
Output of the second hybrid amplifier (Hybrid output). Gain is internally set at –1 to provide a differential
output, (in conjunction with HTO–) to the hybrid transformer
6
HTO–
Output of the first hybrid amplifier. Hybrid output. Gain is set by external resistors
7
HTI
Input and summing node for the first hybrid amplifier. DC level is approximately V
B
8
TO
Transmit attenuator output. DC level is approximately V
B
9
TI
Transmit attenuator input. Maximum signal level is 350 mVrms. Input impedance is approximately 10 k
10
MICO
Microphone amplifier output. Gain is set by external resistors
11
MIC
Microphone amplifier input. Bias voltage is approximately V
B
12
MUTE
Mute input. A logic low (< 0.8V) sets normal operation. A logic high (> 2V) mutes the microphone
amplifier without affecting the rest of the circuit. Input impedance is nominally 90 k
13
VCI
Volume control input. When VCI = VB, the receive attenuator is at maximum gain when in receive mode.
When VCI = 0.3 VB, the receive gain is down 35 dB. It does not affect the transmit mode
14
CT
Response time. An RC at this pin sets the response time for the circuit to switch modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com