| Zakładka z wyszukiwarką danych komponentów |
|
TLE2144MFKB Arkusz danych(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2144MFKB Arkusz danych(HTML) 42 Page - Texas Instruments |
|
42 / 70 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 42 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2141Y electrical characteristics at specified free-air temperature, VCC± = ±15 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS TLE2141Y UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage VIC = 0, RS = 50 Ω 200 1000 µV IIO Input offset current VIC = 0, VO = 0 RS = 50 Ω, 7 100 nA IIB Input bias current VO = 0 − 0.7 − 1.5 µA −15 − 15.3 VICR Common-mode input voltage range RS = 50 Ω −15 to − 15.3 to V VICR Common-mode input voltage range RS = 50 Ω to 13 to 13.2 V IO = − 150 µA 13.8 14.1 VOM + Maximum positive peak output voltage swing IO = − 1.5 mA 13.7 14 V VOM + Maximum positive peak output voltage swing IO = − 15 mA 13.3 13.7 V IO = 150 µA − 14.7 − 14.9 VOM − Maximum negative peak output voltage swing IO = 1.5 mA − 14.5 − 14.8 V VOM − Maximum negative peak output voltage swing IO = 15 mA − 13.4 − 13.8 V AVD Large-signal differential voltage amplification VO = ± 10 V, RL = 2 kΩ 100 450 V/mV AVD Large-signal differential voltage amplification VO = ± 10 V, RL = 2 kΩ 100 450 V/mV ri Input resistance 65 M Ω ci Input capacitance 2.5 pF zo Open-loop output impedance f = 1 MHz 30 Ω CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω 80 108 dB kSVR Supply-voltage rejection ratio ( ∆VCC /∆VIO) VCC ± = ±2.5 V to ±15 V, 85 106 dB kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VCC ± = ±2.5 V to ±15 V, RS = 50 Ω 85 106 dB IOS Short-circuit output current VO = 0 VID = 1 V −25 −50 mA IOS Short-circuit output current VO = 0 VID = − 1 V 20 31 mA ICC Supply current VO = 0, No load 3.5 4.5 mA |