| Zakładka z wyszukiwarką danych komponentów |
|
TLE2144MFKB Arkusz danych(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2144MFKB Arkusz danych(HTML) 46 Page - Texas Instruments |
|
46 / 70 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 46 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 1 − 400 12 8 4 0 0 16 20 24 400 800 TLE2141 DISTRIBUTION OF INPUT OFFSET VOLTAGE VIO − Input Offset Voltage − µV 236 Units Tested From 1 Wafer Lot VCC ± = ±15 V TA = 25°C P Package − 800 Figure 2 − 400 12 8 4 0 0 16 20 24 400 800 TLE2142 DISTRIBUTION OF INPUT OFFSET VOLTAGE VIO − Input Offset Voltage − µV 236 Units Tested From 1 Wafer Lot VCC ± = ±15 V TA = 25°C P Package − 800 − 200 200 600 − 600 Figure 3 12 8 4 0 −1.6 0 16 20 24 0.8 1.6 TLE2144 DISTRIBUTION OF INPUT OFFSET VOLTAGE VIO − Input Offset Voltage − mV VCC ± = ±15 V TA = 25°C N Package 250 Units Tested From 1 Wafer Lot − 0.8 − 2 −1.2 − 0.4 0.4 1.2 2 Figure 4 10 8 4 2 0 18 6 14 12 16 20 INPUT OFFSET CURRENT† vs FREE-AIR TEMPERATURE − 75 − 50 − 25 0 25 50 75 100 125 TA − Free-Air Temperature − °C 150 VCC ± = ±15 V VCC ± = ±2.5 V VO = 0 VIC = 0 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |