| Zakładka z wyszukiwarką danych komponentów |
|
TLE2144MFKB Arkusz danych(PDF) 52 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2144MFKB Arkusz danych(HTML) 52 Page - Texas Instruments |
|
52 / 70 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 52 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 23 SUPPLY CURRENT† vs SUPPLY VOLTAGE 2.5 2 04 8 12 16 20 3 3.5 24 |VCC ±| − Supply Voltage − V 4 TA = 125°C TA = − 55°C TA = 25°C VO = 0 No Load Figure 24 2.8 3 3.2 3.4 3.6 3.8 SUPPLY CURRENT† vs FREE-AIR TEMPERATURE − 75 − 50 − 25 0 25 50 75 100 125 150 TA − Free-Air Temperature − °C VO = 0 No Load VCC ± = ±15 V VCC ± = ±2.5 V Figure 25 250 100 50 0 1 100 1 k 150 f − Frequency − Hz 200 10 k EQUIVALENT INPUT NOISE VOLTAGE† vs FREQUENCY TA = 125°C TA = − 55°C TA = 25°C VCC ± = ±15 V RS = 20 Ω 10 Figure 26 24 6 0 250 810 t − Time − s INPUT NOISE VOLTAGE OVER A 10-SECOND PERIOD 500 750 VCC ± = ±15 V f = 0.1 to 10 Hz TA = 25°C − 250 − 500 − 750 0 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |