Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TVP6000CPFP Arkusz danych(PDF) 49 Page - Texas Instruments

Numer części TVP6000CPFP
Szczegółowy opis  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Arkusz danych(HTML) 49 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 45Page - Texas Instruments TVP6000CPFP Datasheet HTML 46Page - Texas Instruments TVP6000CPFP Datasheet HTML 47Page - Texas Instruments TVP6000CPFP Datasheet HTML 48Page - Texas Instruments TVP6000CPFP Datasheet HTML 49Page - Texas Instruments TVP6000CPFP Datasheet HTML 50Page - Texas Instruments TVP6000CPFP Datasheet HTML 51Page - Texas Instruments TVP6000CPFP Datasheet HTML 52Page - Texas Instruments TVP6000CPFP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
3–1
3 Electrical Characteristics
3.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(Unless Otherwise Noted)†
Digital power supply voltage range, DVDD
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Analog power supply voltage range, AVDD
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, VO
0 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum total power dissipation, PD
2 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
3.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Digital supply voltage, DVDD
4.75
5
5.25
V
Analog supply voltage, AVDD
4.75
5
5.25
V
Digital low-level input voltage, VIL
0
0.8
V
Digital high-level input voltage, VIH
2.4
VDD
V
Digital supply current, IDD
180
mA
Analog supply current, IDD
125
mA
Reference voltage, VREF
1.23
1.25
1.29
V
External load resistor, double termination, RL
37.5
Ω
Output load capacitance, DAC, CL
25
pF
Operating free-air temperature, TA
0
70
°C
3.3
DC Electrical Characteristics, TA = 25°C, DVDD = AVDD = 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage
0
0.4
V
VOH
High-level output voltage
2.4
VDD
V
Ilkg
Input leakage current
5†
µA
Ci
Input capacitance
f = 1 MHz
10
pF
Resolution (each DAC)
10
bit
INL
Integral nonlinearity
RL = 37.5 Ω
±2
LSB
DNL
Differential nonlinearity
RL = 37.5 Ω
±1
LSB
Io
Output current (each DAC)
RL = 37.5 Ω
34.8
38
mA
Zo
Output impedance
20
k
Ω
Co
Output capacitance
f = 1 MHz
5
pF
Fout
Full scale DAC output
182.68
IRE
† Maximum leakage current for XTAL1 and XTAL2 pins is 50
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com