Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TVP6000CPFP Arkusz danych(PDF) 33 Page - Texas Instruments

Numer części TVP6000CPFP
Szczegółowy opis  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Arkusz danych(HTML) 33 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 29Page - Texas Instruments TVP6000CPFP Datasheet HTML 30Page - Texas Instruments TVP6000CPFP Datasheet HTML 31Page - Texas Instruments TVP6000CPFP Datasheet HTML 32Page - Texas Instruments TVP6000CPFP Datasheet HTML 33Page - Texas Instruments TVP6000CPFP Datasheet HTML 34Page - Texas Instruments TVP6000CPFP Datasheet HTML 35Page - Texas Instruments TVP6000CPFP Datasheet HTML 36Page - Texas Instruments TVP6000CPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
2–21
2.11.12 M_CONTROL
Subaddress: 61 Default: 0x05
7
6
5
4
3
2
1
0
SDOWN
CDOWN
PALPHS
GLCE
CBW
PAL
FFRQ
Mode control register. This register provides various operating mode controls including DAC power
management.
Where:
SDOWN
S-video DAC power down
0
Normal operation (default)
1
Power down mode
CDOWN
Composite video DAC power down
0
Normal operation (default)
1
Power down mode
PALPHS
PAL switch phase setting
0
PAL switch phase is nominal (default)
1
PAL switch phase is inverted compared to nominal
GLCE
Genlock control enable. See Table 2–20.
0
No genlock to the color subcarrier frequency (default)
1
Genlock-to-color subcarrier frequency is from the TVP5010
CBW
Chrominance encoding bandwidth enlarge enable
0
Bandwidth for chrominance encoding is enlarged
1
Standard bandwidth for chrominance encoding (default)
PAL
Phase alternation line encoding selection
0
Phase alternation line encoding disabled (default)
1
Phase alternation line encoding enabled
FFRQ
Field rate selection. Refer to Table 2–11 for programming information.
0
50 Hz
1
60 Hz (default)
2.11.13 BSTAMP
Subaddress: 62 Default:0x38
7
6
5
4
3
2
1
0
SQP
BSTAP[6:0]
Color burst amplitude
Where:
SQP
Square-pixel sampling rate. Refer to Table 2–11 for programming information.
0
CCIR601 sampling rate
1
Square-pixel sampling rate
BSTAP[6:0] Setting of the amplitude of color burst. The value for NTSC = 0x38 and for
PAL = 0x41.
The SQP and FFRQ bits control the total number of horizontal pixels displayed per scan line. In addition,
these bits control the CCIR, NTSQ, and PASQ status pins as shown in Table 2–11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com