Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TVP6000CPFP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TVP6000CPFP
Szczegółowy opis  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 3Page - Texas Instruments TVP6000CPFP Datasheet HTML 4Page - Texas Instruments TVP6000CPFP Datasheet HTML 5Page - Texas Instruments TVP6000CPFP Datasheet HTML 6Page - Texas Instruments TVP6000CPFP Datasheet HTML 7Page - Texas Instruments TVP6000CPFP Datasheet HTML 8Page - Texas Instruments TVP6000CPFP Datasheet HTML 9Page - Texas Instruments TVP6000CPFP Datasheet HTML 10Page - Texas Instruments TVP6000CPFP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
1–1
1 Introduction
The TVP6000 is a digital video encoder designed for multimedia systems requiring high-quality flicker free
display of computer graphics, video, and internet content.
The TVP6000 provides advanced horizontal and vertical scaling for overscan compensation. It features a
3 tap antiflicker filter. The encoder has different filters in the luma and the chroma channels. Additionally,
the output is interpolated to twice the pixel frequency. All of these features combine to produce a high-quality
display of non-interlaced data on a traditional interlaced TV.
The TVP6000 converts Y Cb Cr video data to base-band analog video output. The input can come from a
video decoder (such as the TI TVP5010/TVP5020), a 3D graphics controller (such as the TI 4020), or a
MPEG decoding device. Simultaneous composite and S-video (Y, C separated) provides high-quality video
output.
1.1
Features
•
Digital Input Formats:
–
YUV 4:2:2 on a 16-Bit Port
–
CCIR-656 YUV 4:2:2 on an 8-Bit Port
–
YUV 4:2:2 on an 8-Bit Port
•
CCIR601 or Square Pixel Operation
•
Analog Output Formats:
–
NTSC-M
–
PAL-B,D,G,H,I
–
PAL-M
–
PAL-N
–
PAL-Nc
•
Simultaneous S-Video and CVBS (Composite Baseband Video) Output
•
2x Over-Sampling
•
3-Tap Antiflicker Filter
•
Triple 10-Bit DACs
•
Overscan Compensation
•
Programmable Video Port Interface
•
Supports Master, Slave, CCIR656 and Demand Mode Video Port Interface
•
Programmable Blank Level, Black Level, and Color Burst Amplitude
•
Programmable Luminance and Chrominance Gains
•
Programmable Subcarrier Frequency
•
Programmable SCH
•
Subcarrier Genlock Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com