Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VIB0002TFJ Arkusz danych(PDF) 3 Page - Vicor Corporation

Numer części VIB0002TFJ
Szczegółowy opis  DC to DC Bus Converter Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIB0002TFJ Arkusz danych(HTML) 3 Page - Vicor Corporation

  VIB0002TFJ Datasheet HTML 1Page - Vicor Corporation VIB0002TFJ Datasheet HTML 2Page - Vicor Corporation VIB0002TFJ Datasheet HTML 3Page - Vicor Corporation VIB0002TFJ Datasheet HTML 4Page - Vicor Corporation VIB0002TFJ Datasheet HTML 5Page - Vicor Corporation VIB0002TFJ Datasheet HTML 6Page - Vicor Corporation VIB0002TFJ Datasheet HTML 7Page - Vicor Corporation VIB0002TFJ Datasheet HTML 8Page - Vicor Corporation VIB0002TFJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VIB0002TFJ
Rev. 1.3
9/2009
Page 3 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
Voltage range
VIN
360
384
400
Vdc
dV/dt
dVIN /dt
1
V/µs
Quiescent power
PQ
PC connected to -IN
395
410
mW
No load power dissipation
PNL
VIN = 384 V
6.5
10
W
VIN = 360 to 400 V
13.5
Inrush Current Peak
IINR_P
VIN = 400 V COUT = 100 µF,
2
4
A
POUT = 325 W
DC Input Current
IIN_DC
POUT = 325 W
1
A
K Factor
(VOUT)
K
1/8
VIN
Output Power (Average)
POUT
VIN = 384 VDC; See Figure 14
325
W
VIN = 360 – 400 VDC; See Figure 14
300
Output Power (Peak)
POUT_P
VIN = 384 VDC
495
W
Average POUT < = 325 W, Tpeak < 5 ms
Output Voltage
VOUT
Section 3.0 No load
45
50
V
Output Current (Average)
IOUT
Pout < = 325 W
7.05
A
Efficiency (Ambient)
η
VIN = 384 V, POUT = 325 W
94.2
95.5
%
VIN = 360 V to 400 V, POUT = 325 W
94.2
Efficiency (Hot)
η
VIN = 384 V, TJ = 100° C,POUT = 325 W
94
95
%
Minimum Efficiency
η
60 W < POUT < 325 W Max
90
%
(Over Load Range)
Output Resistance (Ambient)
ROUT
TJ = 25° C
100
170
200
m
Ω
Output Resistance (Hot)
ROUT
TJ = 125° C
150
235
270
m
Ω
Output Resistance (Cold)
ROUT
TJ = -40° C
60
130
180
m
Ω
Load Capacitance
COUT
100
uF
Switching Frequency
FSW
1.66
1.75
1.83
MHz
Ripple Frequency
FSW_RP
3.33
3.5
3.66
MHz
Output Voltage Ripple
VOUT_PP
COUT = 0 µF, POUT = 325 W, VIN = 384 V,
160
400
mV
Section 8.0
VIN to VOUT (Application of VIN)TON1
VIN = 384 V, CPC = 0; See Figure 16
460
540
620
ms
PC
PC Voltage (Operating)
VPC
4.7
5
5.3
V
PC Voltage (Enable)
VPC_EN
2
2.5
3
V
PC Voltage (Disable)
VPC_DIS
1.95
V
PC Source Current (Startup)
IPC_EN
50
100
300
uA
PC Source Current (Operating)
IPC_OP
2
3.5
5
mA
PC Internal Resistance
RPC_SNK
Internal pull down resistor
50
150
400
k
Ω
PC Capacitance (Internal)
CPC_INT
Section 5.0
1000
pF
PC Capacitance (External)
CPC_EXT
External capacitance delays PC enable time
1000
pF
External PC Resistance
RPC
Connected to –VIN
50
k
Ω
PC External Toggle Rate
FPC_TOG
1
Hz
PC to VOUT with PC Released
Ton2
VIN = 384 V, Pre-applied
50
100
150
µs
CPC = 0, COUT = 0; See Figure 16
PC to VOUT, Disable PC
TPC_DIS
VIN = 384 V, Pre-applied
4
10
µs
CPC = 0, COUT = 0; See Figure 16
1.0 ELECTRICAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the
temperature range of -40°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com