Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VIB0002TFJ Arkusz danych(PDF) 4 Page - Vicor Corporation

Numer części VIB0002TFJ
Szczegółowy opis  DC to DC Bus Converter Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIB0002TFJ Arkusz danych(HTML) 4 Page - Vicor Corporation

  VIB0002TFJ Datasheet HTML 1Page - Vicor Corporation VIB0002TFJ Datasheet HTML 2Page - Vicor Corporation VIB0002TFJ Datasheet HTML 3Page - Vicor Corporation VIB0002TFJ Datasheet HTML 4Page - Vicor Corporation VIB0002TFJ Datasheet HTML 5Page - Vicor Corporation VIB0002TFJ Datasheet HTML 6Page - Vicor Corporation VIB0002TFJ Datasheet HTML 7Page - Vicor Corporation VIB0002TFJ Datasheet HTML 8Page - Vicor Corporation VIB0002TFJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VIB0002TFJ
Rev. 1.3
9/2009
Page 4 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
1.0 ELECTRICAL CHARACTERISTICS (CONT.)
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the
temperature range of -40°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
TM
TM accuracy
ACTM
-5
+5
ºC
TM Gain
ATM
10
mV/°C
TM Source Current
ITM
100
uA
TM Internal Resistance
RTM_SNK
25
40
50
k
Ω
External TM Capacitance
CTM
50
pF
TM Voltage Ripple
VTM_PP
CTM = 0µF, VIN = 400 V, POUT = 325 W
200
400
500
mV
PROTECTION
Negative going OVLO
VIN_OVLO-
400
420
430
V
Positive going OVLO
VIN_OVLO+
420
430
440
V
Negative going UVLO
VIN_UVLO-
270
285
304
V
Positive going UVLO
VIN_UVLO+
290
310
330
V
Output Overcurrent Trip
IOCP
VIN = 384 V, 25°C
9
11
14
A
Short Circuit Protection
ISCP
14
A
Trip Current
Short Circuit Protection
TSCP
1.2
us
Response Time
Thermal Shutdown
TJ_OTP
125
130
135
°C
Junction setpoint
GENERAL SPECIFICATION
Isolation Voltage (Hi-Pot)
VHIPOT
4242
V
Working Voltage (IN – OUT)
VWORKING
500
V
Isolation Capacitance
CIN_OUT
Unpowered unit
500
660
800
pF
Isolation Resistance
RIN_OUT
10
M
Ω
MTBF
MIL HDBK 217F, 25° C, GB
4.2
Mhrs
cTUVus
Agency Approvals/Standards
CE Mark
ROHS 6 of 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com