Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VIB0002TFJ Arkusz danych(PDF) 6 Page - Vicor Corporation

Numer części VIB0002TFJ
Szczegółowy opis  DC to DC Bus Converter Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIB0002TFJ Arkusz danych(HTML) 6 Page - Vicor Corporation

Back Button VIB0002TFJ Datasheet HTML 2Page - Vicor Corporation VIB0002TFJ Datasheet HTML 3Page - Vicor Corporation VIB0002TFJ Datasheet HTML 4Page - Vicor Corporation VIB0002TFJ Datasheet HTML 5Page - Vicor Corporation VIB0002TFJ Datasheet HTML 6Page - Vicor Corporation VIB0002TFJ Datasheet HTML 7Page - Vicor Corporation VIB0002TFJ Datasheet HTML 8Page - Vicor Corporation VIB0002TFJ Datasheet HTML 9Page - Vicor Corporation VIB0002TFJ Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
VIB0002TFJ
Rev. 1.3
9/2009
Page 6 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
0
2
4
6
8
10
12
14
355
360
365
370
375
380
385
390
395
400
405
No Load Power Dissipation vs Line
-40
25
100
Input Voltage
T
:
CASE
94
94.5
95
95.5
96
96.5
97
-60
-40
-20
0
20
40
60
80
100
120
360
384
400
Full Load Efficiency vs Temperature
Case Temperature (ºC)
V :
IN
η
PD
Efficiency & Power Dissipation -40°C Case
60
65
70
75
80
85
90
95
01
23
45
67
8
Output Load (A)
9
11
13
15
17
19
21
360
384
400
360
384
400
V :
IN
5
7
9
11
13
15
17
80
82
84
86
88
90
92
94
96
98
0
1
2
3
4
5
6
7
8
Output Load (A)
Efficiency & Power Dissipation 25ºC Case
360
384
400
360
384
400
V :
IN
η
PD
4
6
8
10
12
14
16
18
20
80
82
84
86
88
90
92
94
96
98
0
1
2
3
4
5
6
7
8
Output Load (A)
Efficiency & Power Dissipation 100ºC Case
360
384
400
360
384
400
V :
IN
η
PD
100
120
140
160
180
200
220
240
-60
-40
-20
0
20
40
60
80
100
120
Temperature (ºC)
0.7
7.05
Rout vs Case Temperature
I
:
OUT
Figure 1 – No load power dissipation vs. VIN; TCASE
Figure 2 – Full load efficiency vs. temperature; VIN
Figure 3 – Efficiency and power dissipation at -40°C (case); VIN
Figure 4 – Efficiency and power dissipation at 25°C (case); VIN
Figure 5 – Efficiency and power dissipation at 100°C (case); VIN
Figure 6 – ROUT vs. temperature vs. IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com