| Zakładka z wyszukiwarką danych komponentów |
|
ACT8332 Arkusz danych(PDF) 5 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8332 Arkusz danych(HTML) 5 Page - Active-Semi, Inc |
|
5 / 13 page ![]() ACT8332 Rev0, 14-Mar-08 Innovative Power TM - 5 - www.active-semi.com Copyright © 2008 Active-Semi, Inc. ActivePMU TM is a trademark of Active-Semi. : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT SW1 to GP1, INL, VP1, FB1, OUT2, OUT3, ON1, ON3 to GA -0.3 to +6 V SW1 to VP1 -6 to +0.3 V GP1 to GA -0.3 to +0.3 V Junction to Ambient Thermal Resistance (θJA) 33 °C/W Operating Temperature Range -40 to 85 °C Junction Temperature 125 °C Storage Temperature -55 to 150 °C Lead Temperature (Soldering, 10 sec) 300 °C |