| Zakładka z wyszukiwarką danych komponentów |
|
WM8170 Arkusz danych(PDF) 40 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8170 Arkusz danych(HTML) 40 Page - Wolfson Microelectronics plc |
|
40 / 41 page ![]() WM8170 Product Preview Rev 1.0 WOLFSON MICROELECTRONICS LTD PP Rev 1.0 March 2000 40 COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION FB1 Optional ferrite bead FB2 Optional ferrite bead FB3 Optional ferrite bead FB4 Optional ferrite bead C1 10 µF Decoupling to DGND for pin 39(DVDD1), pin 33(DVDD3) and pin 23(DVDD2) C2 0.1 µF Decoupling to DGND for pin 39(DVDD1), pin 33(DVDD3) and pin 23(DVDD2) C3 10 µF Decoupling to DGND for pin 42(CVDD) C4 0.1 µF Decoupling to DGND for pin 42(CVDD) C5 10 µF Decoupling to DGND for pin 3(DVDD4) C6 0.1 µF Decoupling to DGND for pin 3(DVDD4) C7 10 µF Decoupling to AGND for pin 10(AVDD1), pin 11(AVDD3) and pin 20(AVDD2) C8 0.1 µF Decoupling to AGND for pin 10(AVDD1), pin 11(AVDD3) and pin 20(AVDD2) C9 10 µF Decoupling to AGND for pin 12(VCLP) C10 0.1 µF Decoupling to AGND for pin 12(VCLP) C11 1 µF Decoupling to AGND for pin 14(VRT) C12 0.1 µF Decoupling to AGND for pin 14(VRT) C13 1 µF Decoupling to AGND for pin 15(VRB) C14 0.1 µF Decoupling to AGND for pin 15(VRB) C15 1 µF Decoupling to AGND for pin 16(VMID) C16 0.1 µF Decoupling to AGND for pin 16(VMID) CIN Video input coupling capacitor to pin 18(DIN) and pin 19(PIN) CNR Capacitor between pin 32(NRESET) and DGND RNR Pull-up resistor between pin 32(NRESET) and pin 33(DVDD3) RISET Internal bias setting resistor between pin 13(ISET) and AGND Table 16 Device Decoupling Components |