| Zakładka z wyszukiwarką danych komponentów |
|
PCF8811U/2DA/1 Arkusz danych(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811U/2DA/1 Arkusz danych(HTML) 41 Page - NXP Semiconductors |
|
41 / 81 page ![]() PCF8811_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 27 June 2008 41 of 81 NXP Semiconductors PCF8811 80 x 128 pixels matrix LCD driver [1] X = value without meaning. [2] Bit DON can only be addressed after bit DAL is activated. [3] Bit DAL has priority over bit E. [1] This is the only default setting after reset; another setting can be selected with the ‘set partial display mode’ command. 12.1.2 Specific commands of the basic command set Table 13. Power-save mode (PSM), OS, DON, DAL and E combinations[1] PSM OS DON DAL E Description 0 0 X X X oscillator off; HVgen disabled 0 1 X 0 X oscillator on; HVgen disabled 0101X display off; pads Rn/Cn at VSS; oscillator off; HVgen disabled[2] 01100normal display mode 01101inverse display mode 0111X all pixels on[3] 1 X X X X Power-save mode: display off; pads Rn/Cn at VSS; oscillator off; HVgen disabled Table 14. Read status byte Bit Description BUSY if BUSY = 0 the chip is able to accept new commands DON same bit as in Table 13 RES if RES = 1 a reset is in progress MF[2:0] device manufacturer ID DS0 device recognition; see Table 15 Table 15. Device recognition[1] DS0 Description 0 64 row driver 1 80 row driver Table 16. Multiplication settings S[1:0] Description 00 4 × voltage multiplier 01 5 × voltage multiplier 10 6 × voltage multiplier 11 7 × voltage multiplier Table 17. Specific basic commands Bit Description Reset state VPR[5:0] programming value of VLCD 00 0000 VOFF[2:0] offset for the programming value of VLCD 000 |