| Zakładka z wyszukiwarką danych komponentów |
|
PCF8811U/2DA/1 Arkusz danych(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811U/2DA/1 Arkusz danych(HTML) 48 Page - NXP Semiconductors |
|
48 / 81 page ![]() PCF8811_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 27 June 2008 48 of 81 NXP Semiconductors PCF8811 80 x 128 pixels matrix LCD driver The row voltages (F) are not necessarily larger then the column voltages. This depends on the number of rows which are selected, the multiplexibility and the value of p. However, the PCF8811 is designed in such a way that the maximum column voltages are always equal to the row voltages. In Table 24 the VLCD and the different bias levels are given for the PCF8811. The VLCD voltage is defined as: (2) Where F is defined in Equation 1. The bias system settings for different display modes are given in Table 24. All bias levels can be calculated by using the third column of Table 23 and the variables given in Table 24. Programming of the bias levels is not necessary in the PCF8811. The selection of the appropriate bias level voltages for each display mode is done automatically. Only the appropriate VLCD voltage must be programmed according to Equation 1 and Equation 2 for the display modes listed in Table 24. The variables for calculating VLCD, when the icon row is enabled, are given in Table 25. The icon row can only be addressed in the extended command set. The PCF8811 allows the value of p for certain multiplex rates to be chosen manually. This is only possible for the multiplex rates 1:64 and 1:80. If other multiplex rates are chosen the PCF8811 determines the optimum value of p. By setting the value of p manually a compromise can be made between contrast and power consumption with certain liquids for the high multiplex rates 1:64 and 1:80. However, care must be taken that the liquid which is chosen ensures that the row voltages (F) and the maximum column voltages are equal. V3_L VSS −FV SS Table 24. Relationship between multiplex rates and bias setting variables without icon row Multiplex rate Variable N m p 1:16 16 25 2 1:24 24 49 2 1:32 32 81 2 1:40 40 49 4 1:48 48 64 4 1:56 56 81 4 1:64 64 64 8 1:72 72 81 8 1:80 80 81 8 Table 23. Bias levels for MRA driving method …continued Symbol Bias voltages DC shifted bias voltages p2 – () – F mm N – – ----------------------------------- × V LCD 2 --------------- 1 p2 – () mm N – – ----------------------------------- – × V LCD 2F = |