| Zakładka z wyszukiwarką danych komponentów |
|
PCF8811U/2DA/1 Arkusz danych(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8811U/2DA/1 Arkusz danych(HTML) 47 Page - NXP Semiconductors |
|
47 / 81 page ![]() PCF8811_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 27 June 2008 47 of 81 NXP Semiconductors PCF8811 80 x 128 pixels matrix LCD driver 12.9 Bias levels The bias levels for a MRA (Multiple Row Addressing) driving method with p = 8 are given in Figure 34 when Gmax and F have the same value. The value p defines the number of rows which are simultaneously selected. The row voltage F depends on the multiplex rate selected (number of rows N), the threshold voltage of the liquid (VTH), the number of simultaneously selected rows (p) and the multiplexibility (m): (1) The column voltages are situated around the common level VC. The column voltage levels are equidistant from each other. In Table 23 the column voltage levels are given as a function of F. Fig 34. Bias levels for an MRA system with p = 8 and Gmax = F Table 23. Bias levels for MRA driving method Symbol Bias voltages DC shifted bias voltages F = Gmax VLCD FVLCD V3_H V2_H V1_H VC 0 1 ⁄ 2VLCD V1_L V2_L mgw752 VC 0.25Gmax 0.50Gmax 0.75Gmax Gmax = F = VLCD VLCD V3_H V2_H V1_H VC V1_L V2_L V3_L VSS −Gmax = F = VSS −0.75Gmax −0.50Gmax −0.25Gmax F 1 p ------- V TH N 2 ---- mm N – ± m1 – ----------------------------------- × × × = p2 – () F mm N – – ----------------------------------- × V LCD 2 --------------- 1 p2 – () mm N – – ----------------------------------- + × p4 – () F mm N – – ----------------------------------- × V LCD 2 --------------- 1 p4 – () mm N – – ----------------------------------- + × p6 – () F mm N – – ----------------------------------- × V LCD 2 --------------- 1 p6 – () mm N – – ----------------------------------- + × p6 – () – F mm N – – ----------------------------------- × V LCD 2 --------------- 1 p6 – () mm N – – ----------------------------------- – × p4 – () – F mm N – – ----------------------------------- × V LCD 2 --------------- 1 p4 – () mm N – – ----------------------------------- – × |