Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA9101 Arkusz danych(PDF) 9 Page - Sames

Numer części SA9101
Szczegółowy opis  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMES [Sames]
Strona internetowa  http://www.sames.co.za
Logo SAMES - Sames

SA9101 Arkusz danych(HTML) 9 Page - Sames

Back Button SA9101 Datasheet HTML 5Page - Sames SA9101 Datasheet HTML 6Page - Sames SA9101 Datasheet HTML 7Page - Sames SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames SA9101 Datasheet HTML 10Page - Sames SA9101 Datasheet HTML 11Page - Sames SA9101 Datasheet HTML 12Page - Sames SA9101 Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
SA9101
sames
9/40
FUNCTIONAL DESCRIPTION
Receive path
Receive Link Interface
For data input, two different data types, with selectable input active polarity sense, are
supported:
-
Dual rail data (PCM[+], PCM[-]) at ports DRA, DRB received from a Line Interface
Unit.
-
Unipolar data at port OPIN (PCM 30) received from a fibre optical Interface.
Latching of data is carried out using the falling edge of the Receive route Clock
(RCLK, 2048 kHz) recovered from the PCM receive data stream. Dual rail data is
subsequently converted into a single rail, unipolar bit stream. The HDB3 line code
is used along with Double Violation Detection or Extended Code Violation Detection
(selectable). These errors increment the Code Violation Counter.
When using the unipolar input mode, the decoder is by-passed and no code violation
will be detected.
Additionally, the receive Link Interface comprises the alarm detection for AIS (Alarm
Indication Signal: unframed bit stream with constant logical ‘one’) and NOS (No
Signal: Input signal with insufficient bit rate or insufficient density of ones).
The single rail bit stream is then processed by the Receiver
.
Receiver
The following functions are performed:
-
Synchronization of pulse frame
-
Synchronization of CRC4 multi-frame
-
Error Indication when pulse frame synchronization is lost. In this case, AIS is sent to
the system side. If the receiver is in transparent mode, AIS is suppressed.
-
Initiating and controlling of re-synchronization after loss of synchronization. This may
be carried out automatically by the SA9101, or under user control via the microprocessor
interface.
-
Detection of Remote Alarm Indication from the incoming data stream.
-
Separation of service bits and data link bits. This information is stored in special status
registers.
-
Generation of control signals to synchronize the CRC checker, the parity generator,
and the Receive Speech Memory control unit.
If the multi-frame format is selected, CRC checking of the Incoming data stream is
done by generating check bits for a CRC submultiframe according to the CRC 4
procedure (PCM30, refer to CCITT Rec. G704). These bits are compared with those
check bits that are received during the next CRC sub-multiframe. If there is a
mismatch, the CRC error counter will be incremented. This 8-bit counter (default) can
be extended to 10-bit length, by writing to the control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40