| Zakładka z wyszukiwarką danych komponentów |
|
SA9101 Arkusz danych(PDF) 16 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA9101 Arkusz danych(HTML) 16 Page - Sames |
|
16 / 40 page ![]() SA9101 sames 16/40 Synchronization procedure Multiframe alignment is assumed to have been lost if double-frame alignment has been lost or 2 consecutive multiframe patterns are received with an error. The multiframe re-synchronization procedure starts when doubleframe alignment has been regained. It may also be invoked by the user through the µP-interface. The CRC checking mechanism will be enabled after the second correct multiframe pattern has been found. However, CRC errors will not be counted in unsynchronized state. The (multiframe) synchronized state is reached after detecting two correct multiframe alignment patterns in multiframe n and multiframe n+1. The CRC4 flag SR0B1 will be reset. Resynchronization starts whenever two consecutive multiframes are received with incorrect multiframe alignment pattern. Sub- Frame Bits 1 to 8 of the frame Multiframe No. 1 2 3 4 5 6 7 8 0C 1 00 11 0 1 1 10 1 A S n0 S n1 S n2 S n3 S n4 2C 2 00 11 0 1 1 I3 0 1 A S n0 S n1 S n2 S n3 S n4 4C 3 00 11 0 1 1 51 1 A S n0 S n1 S n2 S n3 S n4 6C 4 00 11 0 1 1 70 1 A S n0 S n1 S n2 S n3 S n4 Multiframe 8 C 1 00 11 0 1 1 91 1 A S n0 S n1 S n2 S n3 S n4 10 C 2 00 11 0 1 1 II 11 1 1 A S n0 S n1 S n2 S n3 S n4 12 C 3 00 11 0 1 1 13 S i*1 A S n0 S n1 S n2 S n3 S n4 14 C 4 00 11 0 1 1 15 S i*1 A S n0 S n1 S n2 S n3 S n4 S i*: Spare bits for international use. Access to received information via µP- interface. (For transmission, automatic transmission of sub-multiframe error or insertion through µP-interface is selectable). S n : Spare bits for national use. Additionally, the 5-byte stacks for receive and transmit are provided. C1..C4: Cyclic Redundancy Check bits. A : Remote Alarm Indication. Table 2: CRC-Multiframe Structure |