Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM3725 Arkusz danych(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Numer części DM3725
Szczegółowy opis  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Arkusz danych(HTML) 35 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 31Page - Texas Instruments DM3725 Datasheet HTML 32Page - Texas Instruments DM3725 Datasheet HTML 33Page - Texas Instruments DM3725 Datasheet HTML 34Page - Texas Instruments DM3725 Datasheet HTML 35Page - Texas Instruments DM3725 Datasheet HTML 36Page - Texas Instruments DM3725 Datasheet HTML 37Page - Texas Instruments DM3725 Datasheet HTML 38Page - Texas Instruments DM3725 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 268 page
background image
DM3730, DM3725
www.ti.com
SPRS685 – AUGUST 2010
Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued)
BALL
BUFFER
BALL
BALL
RESET
PULLUP
BALL TOP
RESET
STRENG
IO CELL
BOTTOM
PIN NAME [3]
MODE [4]
TYPE [5]
RESET
REL. MODE POWER [9] HYS [10]
/DOWN
[2]
REL.
TH (mA)
[13]
[1]
STATE [6]
[8]
TYPE [12]
STATE [7]
[11]
K26
NA
mcbsp1_fsx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_cs0
1
IO
mcbsp3_fsx
2
IO
gpio_161
4
IO
safe_mode
7
W21
NA
mcbsp1_clkx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_clkx
2
IO
gpio_162
4
IO
safe_mode
7
H18
NA
uart3_cts_rctx
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_163
4
IO
safe_mode
7
H19
NA
uart3_rts_sd
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_164
4
IO
safe_mode
7
H20
NA
uart3_rx_irrx
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_165
4
IO
safe_mode
7
H21
NA
uart3_tx_irtx
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_166
4
IO
safe_mode
7
T28
NA
hsusb0_clk
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_120
4
IO
safe_mode
7
T25
NA
hsusb0_stp
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_121
4
IO
safe_mode
7
R28
NA
hsusb0_dir
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_122
4
IO
safe_mode
7
T26
NA
hsusb0_nxt
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_124
4
IO
safe_mode
7
T27
NA
hsusb0_data0
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_tx_irtx
2
O
gpio_125
4
IO
uart2_tx
5
O
safe_mode
7
U28
NA
hsusb0_data1
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_rx_irrx
2
I
gpio_130
4
IO
uart2_rx
5
I
safe_mode
7
U27
NA
hsusb0_data2
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_rts_sd
2
O
gpio_131
4
IO
uart2_rts
5
O
safe_mode
7
U26
NA
hsusb0_data3
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_cts_rctx
2
IO
gpio_169
4
IO
uart2_cts
5
I
safe_mode
7
U25
NA
hsusb0_data4
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
Copyright © 2010, Texas Instruments Incorporated
TERMINAL DESCRIPTION
35
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More