Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM3725 Arkusz danych(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Numer części DM3725
Szczegółowy opis  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Arkusz danych(HTML) 69 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 65Page - Texas Instruments DM3725 Datasheet HTML 66Page - Texas Instruments DM3725 Datasheet HTML 67Page - Texas Instruments DM3725 Datasheet HTML 68Page - Texas Instruments DM3725 Datasheet HTML 69Page - Texas Instruments DM3725 Datasheet HTML 70Page - Texas Instruments DM3725 Datasheet HTML 71Page - Texas Instruments DM3725 Datasheet HTML 72Page - Texas Instruments DM3725 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 268 page
background image
DM3730, DM3725
www.ti.com
SPRS685 – AUGUST 2010
Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued)
BALL
BALL TOP [2]
PIN NAME
MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
[3]
STATE [6]
REL. STATE MODE [8]
STRENGTH
/DOWN
[7]
(mA) [11]
TYPE [12]
safe_mode
7
E18
cam_vs
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_95
4
IO
hw_dbg1
5
O
safe_mode
7
B22
cam_ xclka
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_96
4
IO
safe_mode
7
J19
cam_pclk
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_97
4
IO
hw_dbg2
5
O
safe_mode
7
H24
cam_fld
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_global_reset
2
IO
hw_dbg3
5
O
gpio_98
4
IO
safe_mode
7
AB18
cam_d0
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_99
4
I
safe_mode
7
AC18
cam_d1
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_100
4
I
safe_mode
7
G19
cam_d2
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_101
4
IO
hw_dbg4
5
O
safe_mode
7
F19
cam_d3
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_102
4
IO
hw_dbg5
5
O
safe_mode
7
G20
cam_d4
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_103
4
IO
hw_dbg6
5
O
safe_mode
7
B21
cam_d5
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_104
4
IO
hw_dbg7
5
O
safe_mode
7
L24
cam_d6
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_105
4
I
safe_mode
7
K24
cam_d7
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_106
4
I
safe_mode
7
J23
cam_d8
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_107
4
I
safe_mode
7
K23
cam_d9
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_108
4
I
safe_mode
7
F21
cam_d10
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_109
4
IO
hw_dbg8
5
O
safe_mode
7
Copyright © 2010, Texas Instruments Incorporated
TERMINAL DESCRIPTION
69
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More