| Zakładka z wyszukiwarką danych komponentów |
|
DM3725 Arkusz danych(PDF) 89 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725 Arkusz danych(HTML) 89 Page - Texas Instruments |
|
89 / 268 page ![]() DM3730, DM3725 www.ti.com SPRS685 – AUGUST 2010 Table 2-4. Multiplexing Characteristics (continued) CBP CBC CUS MODE 0 MODE 1 MODE 2 MODE 3 MODE 4 MODE 5 MODE 6 MODE 7 Bottom Top Bottom Top AG2, U2, B2, B4, B7, B10, A6, A8, A13, A7, A13, B14, H11, H14, vss AG3, W3, P3, B15, B18, AB5, AB22, C1, F1, F20, H16, J11, J3, E3, A3, C22, E2, F22, AC10, AD14, H2, H20, L21, J12, J13, J14, P4, E4, AG6, H2, P2, AB5, AD25, AE7, M2, P20, R2, J15, J16, D7, C7, V9, AB14, AB20 B2, B25, C12, W20 Y6, Y11, K10, K11, U9, P9, N9, D7, D10, D12, AA7, AA16 K14, K15, L8, K9, W10, D14, D18, L10, L13, V10, P10, D20, E22, G1, L17, M9, K10, D10, G8, G10, M10, M11, C10, AF12, G20, G23, M13, M16, AE12, Y12, H4, K1, K15, N9, N10, N11, K12, J12, K25, L10, N12, N13, Y13, W13, L17, L23, N4, N14, N15, J13, D13, N10, N17, R1, N16, P8, P10, C13, W14, R4, R17, T23, P11, P12, K16, J16, U25, W1, W4, P13, P14, W17, K17, W23, Y7, P15, P17, J17, W19, Y10, Y16, R10, R11, V19, R19, Y26 R14, R15, T9, P19, L19, T10, T11, K19, D19, T12, T13, C19, AF20, T14, T15, AE20, T20, T16, U9, U11, AG15, AF2, U14, U15, AF27, B15, U16, V15, J27, M2, M26, V16 N2, AA2, AG10, AC25, AC26, Y25, W25, M20, L20, L26, G27, D21, C22, B27, A26, R20, R26 V25 NA V25 NA AB13 vdda_dac Y26 NA V24 NA AB15 vssa_dac K25 NA N23 NA N24 vdds_mmc1 P25 NA P23 NA H8 vdds_x AG21 NA AD19 NA NA vdds AH20 NA AE19 NA N20 cap_vddu_arr ay AH21 NA AC19 NA NA vss AG16 NA AC16 NA NA vss AG20 NA AD18 NA NA vdds M28 NA L19 NA NA vss H28 NA L20 NA NA vdds V4 NA N9 NA U8 cap_vdd_sra m_mpu_iva L21 NA K20 NA H17 cap_vdd_sra m_core Y17 NA AF23 NA W15 sys_xtalgnd (1) This GPIO is only an input (and not an output). (2) The usage of this GPIO is strongly restricted. For more information, see the General-Purpose Interface chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). (3) UART4 is only available on CBP and CBC packages. Copyright © 2010, Texas Instruments Incorporated TERMINAL DESCRIPTION 89 Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |