| Zakładka z wyszukiwarką danych komponentów |
|
PCA9620 Arkusz danych(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9620 Arkusz danych(HTML) 24 Page - NXP Semiconductors |
|
24 / 71 page ![]() PCA9620 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 9 December 2010 24 of 71 NXP Semiconductors PCA9620 Universal LCD driver for low multiplex rates 7.4.2.2 1:2 Multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCA9620 allows the use of 1 ⁄ 2 bias or 1 ⁄ 3 bias in this mode as shown in Figure 16 and Figure 17. Vstate1(t) = VSn(t) − VBP0(t). Vstate2(t) = VSn(t) − VBP1(t). Von(RMS)(t) = 0.791VLCD. Voff(RMS)(t) = 0.354VLCD. Fig 16. Waveforms for the 1:2 multiplex drive mode with 1 ⁄ 2 bias (line inversion mode) 013aaa208 state 1 BP0 (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 2 state 1 VSS VLCD VLCD/2 VSS VSS VLCD VLCD VSS VLCD VLCD VLCD 0 V 0 V VLCD/2 VLCD/2 VLCD/2 −VLCD −VLCD −VLCD/2 −VLCD/2 Sn Sn+1 Tfr |