| Zakładka z wyszukiwarką danych komponentów |
|
PCA9620 Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9620 Arkusz danych(HTML) 8 Page - NXP Semiconductors |
|
8 / 71 page ![]() PCA9620 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 9 December 2010 8 of 71 NXP Semiconductors PCA9620 Universal LCD driver for low multiplex rates [1] Default value. 7.1.7 Command: display-enable [1] Default value. 7.1.8 Command: set-MUX-mode [1] Default value. 7.1.9 Command: set-bias-mode [1] Default value. 7.1.10 Command: load-data-pointer The load-data-pointer command defines one of the 60 display RAM addresses where the following display data will be sent to. For further information, see Section 7.9.1 on page 41. Table 11. Set-VPR-LSB - set VPR LSB command bit description Bit Symbol Value Description 7 to 4 - 0101 fixed value 3 to 0 VPR[3:0] 0000[1] to 1111 the four least significant bits of VPR[7:0] Table 12. Display-enable - display enable command bit description Bit Symbol Value Description 7 to 1 - 0011100 fixed value 0E 0[1] display disabled; backplane and segment outputs are internally connected to VSS 1 display enabled Table 13. Set-MUX-mode - set multiplex drive mode command bit description Bit Symbol Value Description 7 to 3 - 00000 fixed value 2 to 0 M[2:0] 000[1], 011, 110, 111 1:8 multiplex drive mode: 8 backplanes 001 static drive mode: 1 backplane 010 1:2 multiplex drive mode: 2 backplanes 100 1:4 multiplex drive mode: 4 backplanes 101 1:6 multiplex drive mode: 6 backplanes Table 14. Set-bias-mode - set bias mode command bit description Bit Symbol Value Description 7 to 2 - 110001 fixed value 1 to 0 B[1:0] 00[1], 01 1 ⁄ 4 bias 11 1 ⁄ 3 bias 10 1 ⁄ 2 bias |