| Zakładka z wyszukiwarką danych komponentów |
|
TNETX3100PGC Arkusz danych(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100PGC Arkusz danych(HTML) 16 Page - Texas Instruments |
|
16 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 uplink TX pretagging to support an external routing engine When forwarding frames to a routing engine, it is necessary to know which port received the frame. Multiple TNETX3100 devices can be incorporated into a larger switch fabric that is controlled by one routing engine. The TNETX3100 provides one nibble of information (to identify the source port) on the MII-interface data terminals prior to M00TXEN being asserted. See Figure 2. M00TCLK M00TXD3– M00TXD0 M00COL Don’t Care Tag Preamble, DA, SA, Data, CRC M00TXEN Don’t Care Figure 2. Multiplex Operation for Uplink-Port Transmit Frames Port 00, when operated at 100-Mbit/s mode, provides a tag nibble one cycle prior to M00TXEN being asserted. The nibble format is shown in Table 1. Table 1. Source Port Number Codes SOURCE PORT NUMBER M00TXD3–M00TXD0 PORT 0000 Reserved 0001 Port 01 (10/100 Mbit/s) 0010 Port 02 (10/100 Mbit/s) 0011 Port 03 (10 Mbit/s) 0100 Port 04 (10 Mbit/s) 0101 Port 05 (10 Mbit/s) 0110 Port 06 (10 Mbit/s) 0111 Port 07 (10 Mbit/s) 1000 Port 08 (10 Mbit/s) 1001 Port 09 (10 Mbit/s) 1010 Reserved 1011 Reserved 1100 Reserved 1101 Reserved 1110 Reserved 1111 Reserved |