| Zakładka z wyszukiwarką danych komponentów |
|
TNETX3100PGC Arkusz danych(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100PGC Arkusz danych(HTML) 36 Page - Texas Instruments |
|
36 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 36 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 system control register at 0x00D3 BIT 7 6 5 4 3 2 1 0 RESET LOAD START CLRSTS STMAP SECDIS LONG IOBMOD Initial Values After Reset 0 0 0 0 0 0 0 1 BIT NAME FUNCTION 7 RESET RESET = 1 places the TNETX3100 in a software reset state. Writing a 0 clears the reset state and allows for internal testing while keeping the ports disabled. RESET clears the port control register but does not affect any other configuration register. Configuration registers are cleared by a hardware reset (write to DIO address 4000–7FFF). 6 LOAD Load system. Writing LOAD = 1 causes the TNETX3100 DIO registers to auto-load from an external EEPROM (if present). All registers in the DIO address range 0x00–0xC3 are loaded from the corresponding EEPROM locations. Writing LOAD = 0 has no effect. LOAD is read as a 1 until the auto-load is complete. LOAD is not auto-loaded. LOAD is always set to 0 by auto-load. 5 START Start system. Writing START = 1 causes the TNETX3100 to begin operation. START is read as a 1 until buffer memory initialization is complete. While buffers are being initialized, all ports are disabled. Writing START = 0 has no effect. 4 CLRSTS Clear statistics. Writing CLRSTS = 1 causes the TNETX3100 to clear all its statistics counters. The TNETX3100 repeats clearing the statistics counters until CLRSTS is cleared. 3 STMAP Statistic mapping. STMAP selects which statistic is recorded in multiple-function statistic counters. When STMAP = 1, the number of TX frames discarded on TX, due to lack of resources, is recorded. If STMAP = 0, the number of data errors at TX is recorded. 2 SECDIS Disable ports on security violations. When SECDIS = 1, address security violations cause a port to be disabled. When SECDIS = 0, address security violations cause a port to be suspended. Suspended ports are reenabled when the offending condition is removed. Disabled ports are only reenabled by management (by setting port ENABLE bit). 1 LONG Long-frame handling. When LONG = 1, the RX and TX frame 1024–1518 bucket counter is redefined to become RX and TX frames 1024–1531. When LONG = 0, the RX and TX frame 1024–1518 bucket counter is operating normally. Frames 1536 bytes or larger are truncated. 0 IOBMOD In-order broadcast mode. Always read as IOBMOD = 1; this is a read-only bit. DRAM data register at 0x00D4–0x00D7 BIT 31 0 DRAMDATA BIT NAME FUNCTION 31–0 DRAMDATA DRAM data. DRAMDATA holds a 32-bit data value that maps to the forward-pointer field of a DRAM buffer when accessed in DRAM test-access mode. |