Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BL35P02 Arkusz danych(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Numer części BL35P02
Szczegółowy opis  BL35P02 is a single-chip 8-bit micro-controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BELLING [SHANGHAI BELLING CO., LTD.]
Strona internetowa  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL35P02 Arkusz danych(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL35P02 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 5 of 27
BL35P02 DATASHEET
BL35P02 DATASHEET
BL35P02 DATASHEET
BL35P02 DATASHEET
上海贝岭股份
上海贝岭股份
上海贝岭股份
上海贝岭股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
6
66
6.
.Function Description
Function Description
Function Description
Function Description
6.1
6.1
6.1
6.1 Instr
Instr
Instr
Instru
uu
uc
cc
ctions
tions
tions
tions
See Section 7 for details on the instructions.
6.2
6.2
6.2
6.2 Address Spaces
Address Spaces
Address Spaces
Address Spaces
$0000-$000F:Control registers
$0010-$00DF:Reserved
$00E0-$00FF:RAM
$0100-$17FF:Reserved
$1800-$1FFF:OTP ROM
6.3
6.3
6.3
6.3 Crystal Oscillator
Crystal Oscillator
Crystal Oscillator
Crystal Oscillator
6.3
6.3
6.3
6.3.1
.1
.1
.1 High frequency
High frequency
High frequency
High frequency O
OO
Oscillator
scillator
scillator
scillator
Simplified external crystal/ceramic oscillator circuits are shown in Figure 6.3.1.1. An external crystal or
ceramic oscillation source provides 355KHz~8MHz. The load capacitor Cx which values used in the oscillator
circuit design should include all stray capacitance is necessary, but frequency is more than 3.5MHz, Cx can be
removed. The crystal and components should be mounted as close as possible to the pins for start-up
stabilization and to minimize output distortion.
Frequency
Frequency
Frequency
Frequency
Value of
Value of
Value of
Value of Cx
Cx
Cx
Cx
8MHz
0/15p
4MHz
0/15p/30p
3.64MHz
0/15p/30p
Figure 6.3.1.1
6.3
6.3
6.3
6.3.
..
.2
22
2 455KHz
455KHz
455KHz
455KHz Oscillator
Oscillator
Oscillator
Oscillator
Using 455KHz crystal/ceramic oscillation is shown Figure 6.3.2.1,generally OSCI/OSCO must be
connected external 200pF capacitor. Otherwise OSCO can be connected 2KΩ to 5KΩ resistor that can be
used by carbon film resistor.
Figure 6.3.2.1
C x
C x
O s c illa to r
O S C I
O S C O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com