Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BL35P02 Arkusz danych(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Numer części BL35P02
Szczegółowy opis  BL35P02 is a single-chip 8-bit micro-controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BELLING [SHANGHAI BELLING CO., LTD.]
Strona internetowa  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL35P02 Arkusz danych(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL35P02 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 2 of 27
BL35P02 DATASHEET
BL35P02 DATASHEET
BL35P02 DATASHEET
BL35P02 DATASHEET
上海贝岭股份
上海贝岭股份
上海贝岭股份
上海贝岭股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
1
11
1.
.General Description
General Description
General Description
General Description
BL35P02 is a single-chip 8-bit micro-controller. This device integrates a HC05 8-bit CPU core, RAM,
ROM, timer, programmable input/output pins and carrier synthesizer. When in standby status, system will stop
oscillator and remain low power consumption. The BL35P02 is suitable for infrared remote control transmitter
application.
2
22
2.
.Features
Features
Features
Features
8-bit CISC core(compatible with Motorola HC05)
14 CMOS Bi-directional I/O pins and 1 CMOS input pin
One 8-bit timer
9 keyboard interruption
One infrared remote output, 8 kinds of carrier wave selected (1/3 duty)
Crystal/Ceramic oscillator(325K-8MHz)
Low power(Standby current less than 1uA@3V)
32*8 bits RAM(including stack)
2K*8 bits OTP ROM
OTP data encrypted
Operation Voltage:2.0-5.5V
Package:SOP20(300mil)/SSOP20(200mil)/SOP16(150mil)
3
33
3.
.Pin
Pin
Pin
Pin Configuration
Configuration
Configuration
Configuration
SOP20(300mil)
SOP16(150mil)
SSOP20(200mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com