| Zakładka z wyszukiwarką danych komponentów |
|
BL35P02 Arkusz danych(PDF) 10 Page - SHANGHAI BELLING CO., LTD. |
|
|
|||||||||||||||||||||||||||||
BL35P02 Arkusz danych(HTML) 10 Page - SHANGHAI BELLING CO., LTD. |
|
10 / 27 page ![]() TEL:86-21-64850700 WEB: www.belling.com.cn Page 10 of 27 BL35P02 DATASHEET BL35P02 DATASHEET BL35P02 DATASHEET BL35P02 DATASHEET 上海贝岭股份 上海贝岭股份 上海贝岭股份 上海贝岭股份有限公司 有限公司 有限公司 有限公司 Shanghai Belling Co., Ltd. as follows: Interrupt Interrupt Interrupt Interrupt V VV Vector Address ector Address ector Address ector Address Prio Prio Prio Priori ri ri rity ty ty ty KBI $1FF4:$1FF5 TMI $1FF6:$1FF7 SWI $1FFC:$1FFD RESET $1FFE:$1FFF Lowest Highest 6.8 6.8 6.8 6.8 Low Power Modes Low Power Modes Low Power Modes Low Power Modes The BL35p02 has two low-power modes. The WAIT and STOP instructions provide two modes that reduce the power required for the MCU by stopping various internal clocks and/or the on-chip oscillator. 6.8.1 6.8.1 6.8.1 6.8.1 S SS STOP TOP TOP TOP Mode Mode Mode Mode Execution of the STOP instruction places the MCU in its power consumption mode. In the STOP mode the internal oscillator is turned off, halting all internal processing. When the CPU enters STOP mode the I-bit in the CCR is cleared automatically, All other registers and memory contents remain unaltered. All input/output lines remain unchanged. The MCU can be brought out of the STOP mode only by a KBI interrupt or an externally generated reset. When exiting the STOP mode the internal oscillator will resume after a pre-defined number of internal processor clock cycles, due to oscillator stabilization. In STOP mode the current of BL35P02 is less than 1uA. 6.8.2 WAIT 6.8.2 WAIT 6.8.2 WAIT 6.8.2 WAIT Mode Mode Mode Mode The WAIT instruction places the MCU in a low-power mode, but consumes more power than the STOP mode, In the WAIT mode the internal processor clock is halted, suspending all processor and internal bus activities. Other Internal clocks remain active, permitting interrupts to be generated from the Timer. The Timer may be used to generate a periodic exit from the WAIT mode or in conjunction with the external Timer pin, on the occurrence of external events. Execution of the WAIT instruction automatically clears the I-bit in the CCR, so that the KBI interrupt, Timer interrupt or externally generated reset can “wake” the MCU. All other registers, memory, and input/output lines remain in their previous states. In WAIT mode the current of BL35P02 is less than 100uA @3V. 6.9 6.9 6.9 6.9 Control Register Control Register Control Register Control Registers Summary s Summary s Summary s Summary A summary of all Control Registers is shown as follows: Register Name Address R/W State on reset PA $00 R/W 0000 0000 PB $01 R/W 0000 00-0 DDRA $04 R/W 0000 0000 DDRB $05 R/W 0000 00-0 TDR $08 R/W uuuu uuuu TCR $09 R/W 01-- 0100 KBIM $0B R/W 0000 0000 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |