| Zakładka z wyszukiwarką danych komponentów |
|
AD10265/PCB Arkusz danych(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD10265/PCB Arkusz danych(HTML) 2 Page - Analog Devices |
|
2 / 18 page ![]() REV. 0 –2– AD10265–SPECIFICATIONS Electrical Characteristics (AV CC = +5 V; AVEE = –5.0 V; DVCC = +3.3 V; applies to each ADC unless otherwise noted) Test Mil AD10265AZ Parameter Temp Level Subgroup Min Typ Max Units RESOLUTION 12 Bits ACCURACY No Missing Codes Full VI 1, 2, 3 Guaranteed Offset Error Full IV 2, 3 –10 3.5 +10 mV Gain Error 1 +25 °C I 1 –1.0 ±0.5 +1.0 % FS Full VI 2, 3 –2.0 ±0.8 +2.0 % FS Gain Error Channel Match Full V ±0.1 % Pass Band Ripple to Nyquist Full I 12 0.2 0.5 dB ANALOG INPUT (AIN) Input Voltage Range AIN1 Full I ±0.5 V AIN2 Full I ±1.0 V AIN3 Full I ±2V Input Resistance AIN1 Full IV 12 99 100 101 Ω AIN2 Full IV 12 198 200 202 Ω AIN3 Full IV 12 396 400 404 Ω Input Capacitance 2 +25 °CIV 12 0 4.0 7.0 pF Analog Input Bandwidth High 3 +25 °C V 160 MHz Analog Input Bandwidth Low 3 +25 °CV 50 kHz ENCODE INPUT 4, 5 Logic Compatibility TTL/CMOS Logic “1” Voltage Full I 1, 2, 3 2.0 5.0 V Logic “0” Voltage Full I 1, 2, 3 0 0.8 V Logic “1” Current (VINH = 5 V) Full I 1, 2, 3 500 650 800 µA Logic “0” Current (VINL = 0 V) Full I 1, 2, 3 –400 –320 –200 µA Input Capacitance +25 °CV 12 4.5 7.0 pF SWITCHING PERFORMANCE Maximum Conversion Rate 6 Full VI 4, 5, 6 65 MSPS Minimum Conversion Rate 6 Full V 12 6.5 MSPS Aperture Delay (tA) +25 °C V 400 ps Aperture Delay Matching +25 °CV ±2.0 ns Aperture Uncertainty (Jitter) +25 °C V 0.3 ps rms ENCODE Pulsewidth High +25 °C IV 12 6.5 ns ENCODE Pulsewidth Low +25 °C IV 12 6.5 ns Output Delay (tOD) Full IV 12 7.0 9.0 12.5 ns SNR 7 Analog Input @ 1.24 MHz +25 °CI 4 62 66 dB Full II 5, 6 60.5 66 dB @ 17 MHz +25 °CI 4 61 65 dB Full II 5, 6 60 65 dB @ 32 MHz +25 °CI 4 61 63 dB Full II 5, 6 59.5 62 dB SINAD 8 Analog Input @ 1.24 MHz +25 °CI 4 61 65 dB Full II 5, 6 60 64 dB @ 17 MHz +25 °CI 4 61 64 dB Full II 5, 6 59.5 63 dB @ 32 MHz +25 °CI 4 61 62 dB Full II 5, 6 59 62 dB |