| Zakładka z wyszukiwarką danych komponentów |
|
AD10265/PCB Arkusz danych(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD10265/PCB Arkusz danych(HTML) 3 Page - Analog Devices |
|
3 / 18 page ![]() Test Mil AD10265AZ Parameter Temp Level Subgroup Min Typ Max Units SPURIOUS-FREE DYNAMIC RANGE 9 Analog Input @ 1.24 MHz +25 °C I 4 75 80 dBFS Full II 5, 6 75 80 dBFS @ 17 MHz +25 °C I 4 72 80 dBFS Full II 5, 6 72 79 dBFS @ 32 MHz +25 °C I 4 72 79 dBFS Full II 5, 6 72 79 dBFS TWO-TONE IMD REJECTION 10 f1, f2 @ –7 dBFS Full II 4, 5, 6 72 80 dBc CHANNEL-TO-CHANNEL ISOLATION 11 +25 °CIV 12 80 dB LINEARITY Differential Nonlinearity (Encode = 20 MHz) +25 °C IV 12 –1.0 ±0.5 1.5 LSB Integral Nonlinearity (Encode = 20 MHz) Full V ±1.25 LSB DIGITAL OUTPUTS Logic Compatibility CMOS Logic “1” Voltage Full I 1, 2, 3 2.8 DVCC – 0.2 V Logic “0” Voltage Full I 1, 2, 3 0.2 0.5 V Output Coding Twos Complement POWER SUPPLY AVCC Supply Voltage Full VI +5.0 V I (AVCC) Current Full V 336 mA AVEE Supply Voltage Full VI –5.0 V I (AVEE) Current Full V 66 mA DVCC Supply Voltage Full VI +3.3 V I (DVCC) Current Full V 20 mA ICC (Total) Supply Current Full I 1, 2, 3 422 520 mA Power Dissipation (Total) Full I 1, 2, 3 2.1 2.4 W Power Supply Rejection Ratio (PSRR) Full IV 7, 8 0.01 0.02 % FSR/% VS NOTES 1Gain tests are performed on A IN1 over specified input voltage range. 2Input capacitance specifications show only ceramic package capacitance. 3Full power bandwidth is the frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB. 4ENCODE driven by single-ended source; ENCODE bypassed to ground through 0.01 µF capacitor. 5ENCODE may also be driven differentially in conjunction with ENCODE; see “Encoding the AD10265” for details. 6Minimum and maximum conversion rates allow for variation in Encode Duty Cycle of 50% ± 5%. 7Analog Input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first 5 harmonics removed). Encode = 65 MSPS. 8Analog Input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 65 MSPS. 9Analog Input signal equal –1 dBFS; SFDR is ratio of converter full scale to worst spur. 10Both input tones at –7 dBFS; two tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst 3rd order intermod product. f1 = 17.0 MHz ± 100 kHz, f 2 = 18.0 MHz ± 100 kHz. 11Channel-to-channel isolation tested with A channel/50 ohm terminated <A IN2 grounded, and a full-scale signal applied to B channel (A IN1). All specifications guaranteed within 100 ms of initial power up regardless of sequencing. Specifications subject to change without notice. AD10265 –3– REV. 0 |